Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 322 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 322 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 318Page - Texas Instruments TMS320DM814x Datasheet HTML 319Page - Texas Instruments TMS320DM814x Datasheet HTML 320Page - Texas Instruments TMS320DM814x Datasheet HTML 321Page - Texas Instruments TMS320DM814x Datasheet HTML 322Page - Texas Instruments TMS320DM814x Datasheet HTML 323Page - Texas Instruments TMS320DM814x Datasheet HTML 324Page - Texas Instruments TMS320DM814x Datasheet HTML 325Page - Texas Instruments TMS320DM814x Datasheet HTML 326Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-75. CK and ADDR_CTRL Routing Specification(1)(2)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
A1+A2 length
2500
mils
2
A1+A2 skew
25
mils
3
A3 length
660
mils
4
A3 skew(3)
25
mils
5
A3 skew(4)
125
mils
6
A4 length
660
mils
7
A4 skew
25
mils
8
AS length
100
mils
9
AS skew
100
mils
10
AS+/AS- length
70
mils
11
AS+/AS- skew
5
mils
12
AT length(5)
500
mils
13
AT skew(6)
100
mils
14
AT skew(7)
5
mils
15
CK/ADDR_CTRL nominal trace length(8)
CACLM-50
CACLM
CACLM+50
mils
16
Center-to-center CK to other DDR3 trace spacing(9)
4w
17
Center-to-center ADDR_CTRL to other DDR3 trace spacing(9)(10)
4w
18
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(9)
3w
19
CK center-to-center spacing(11)
(12)
20
CK spacing to other net(9)
4w
21
Rcp(13)
Zo-1
Zo
Zo+
Ω
22
Rtt(13)(14)
Zo-5
Zo
Zo+5
Ω
(1)
The use of vias should be minimized.
(2)
Additional bypass capacitors are required when using the DDR_1V5 plane as the reference plane to allow the return current to jump
between the DDR_1V5 plane and the ground plane when the net class switches layers at a via.
(3)
Non-mirrored configuration (all DDR3 memories on same side of PCB).
(4)
Mirrored configuration (one DDR3 device on top of the board and one DDR3 device on the bottom).
(5)
While this length can be increased for convenience, its length should be minimized.
(6)
ADDR_CTRL net class only (not CK net class). Minimizing this skew is recommended, but not required.
(7)
CK net class only.
(8)
CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes + 300 mils. For definition, see
Section 8.13.4.2.4.13.1, Figure 8-78, and Figure 8-79.
(9)
Center-to-center spacing is allowed to fall to minimum (w) for up to 1250 mils of routed length.
(10) The ADDR_CTRL net class of the other DDR EMIF is considered other DDR3 trace spacing.
(11) CK spacing set to ensure proper differential impedance.
(12) The most important thing to do is control the impedance so inadvertent impedance mismatches are not created. Generally speaking,
center-to-center spacing should be either 2w or slightly larger than 2w to achieve a differential impedance equal to twice the single-
ended impedance, Zo.
(13) Source termination (series resistor at driver) is specifically not allowed.
(14) Termination values should be uniform across the net class.
8.13.4.2.4.13.2 DQS and DQ Routing Specification
Skew within the DQS and DQ/DM net classes directly reduces setup and hold margin and thus this skew
must be controlled. The only way to practically match lengths on a PCB is to lengthen the shorter traces
up to the length of the longest net in the net class and its associated clock. As with CK and ADDR_CTRL,
a reasonable trace route length is to within a percentage of its Manhattan distance. DQLMn is defined as
DQ Longest Manhattan distance n, where n is the byte number. For a 32-bit interface, there are four
DQLMs, DQLM0–DQLM3. Likewise, for a 16-bit interface, there are two DQLMs, DQLM0–DQLM1.
NOTE
It is not required, nor is it recommended, to match the lengths across all bytes. Length
matching is only required within each byte.
322
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com