Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 324 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 324 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 320Page - Texas Instruments TMS320DM814x Datasheet HTML 321Page - Texas Instruments TMS320DM814x Datasheet HTML 322Page - Texas Instruments TMS320DM814x Datasheet HTML 323Page - Texas Instruments TMS320DM814x Datasheet HTML 324Page - Texas Instruments TMS320DM814x Datasheet HTML 325Page - Texas Instruments TMS320DM814x Datasheet HTML 326Page - Texas Instruments TMS320DM814x Datasheet HTML 327Page - Texas Instruments TMS320DM814x Datasheet HTML 328Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.14 Multichannel Audio Serial Port (McASP)
The multichannel audio serial port (McASP) functions as a general-purpose audio serial port optimized for
the needs of multichannel audio applications. The McASP is useful for time-division multiplexed (TDM)
stream, Inter-Integrated Sound (I2S) protocols, and inter-component digital audio interface transmission
(DIT).
8.14.1 McASP Device-Specific Information
The device includes six multichannel audio serial port (McASP) interface peripherals (McASP0, McASP1,
McASP2, McASP3, McASP4, and McASP5). The McASP module consists of a transmit and receive
section. On McASP0/1, these sections can operate completely independently with different data formats,
separate master clocks, bit clocks, and frame syncs or, alternatively, the transmit and receive sections
may be synchronized. On McASP2, McASP3, McASP4, and McASP5, the transmit and receive sections
must always be synchronized. The McASP module also includes shift registers that may be configured to
operate as either transmit data or receive data.
The transmit section of the McASP can transmit data in either a time-division-multiplexed (TDM)
synchronous serial format or in a digital audio interface (DIT) format where the bit stream is encoded for
S/PDIF, AES-3, IEC-60958, CP-430 transmission. The receive section of the McASP peripheral supports
the TDM synchronous serial format.
The McASP module can support one transmit data format (either a TDM format or DIT format) and one
receive format at a time. All transmit shift registers use the same format and all receive shift registers use
the same format; however, the transmit and receive formats need not be the same. Both the transmit and
receive sections of the McASP also support burst mode, which is useful for non-audio data (for example,
passing control information between two devices).
The McASP peripheral has additional capability for flexible clock generation and error detection/handling,
as well as error management.
The device McASP0 and McASP1 modules have up to 10 serial data pins, while McASP2, McASP3,
McASP4, and McASP5 are limited to up to four serial data pins each. The McASP FIFO size is 256 bytes
and two DMA and two interrupt requests are supported. Buffers are used transparently to better manage
DMA, which can be leveraged to manage data flow more efficiently.
For more detailed information on and the functionality of the McASP peripheral, see the Multichannel
Audio Serial Port (McASP) chapter of the TMS320DM814x DaVinci Digital Media Processors Technical
Reference Manual (Literature Number: SPRUGZ8).
8.14.2 McASP0, McASP1, McASP2, McASP3, McASP4, and McASP5 Peripheral Registers
Descriptions
Table 8-77. McASP0/1/2/3/4/5 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
MCASP0
MCASP1
MCASP2
MCASP3
MCASP4
MCASP5
0x4803 8000
0x4803 C000
0x4805 0000
0x4A1A 2000
0x4A1A 8000
0x4A1A E000
PID
Peripheral ID
0x4803 8010
0x4803 C010
0x4805 0010
0x4A1A 2010
0x4A1A 8010
0x4A1A E010
PFUNC
Pin Function
0x4803 8014
0x4803 C014
0x4805 0014
0x4A1A 2014
0x4A1A 8014
0x4A1A E014
PDIR
Pin Direction
0x4803 8018
0x4803 C018
0x4805 0018
0x4A1A 2018
0x4A1A 8018
0x4A1A E018
PDOUT
Pin Data Out
0x4803 801C
0x4803 C01C
0x4805 001C 0x4A1A 201C 0x4A1A 801C
0x4A1A
PDIN
Pin Data Input (Read)
E01C
Read returns pin data input
PDSET
Pin Data Set (Write)
Writes effect pin data set
(Alternate Write Address
PDOUT)
324
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com