Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 323 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 323 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 319Page - Texas Instruments TMS320DM814x Datasheet HTML 320Page - Texas Instruments TMS320DM814x Datasheet HTML 321Page - Texas Instruments TMS320DM814x Datasheet HTML 322Page - Texas Instruments TMS320DM814x Datasheet HTML 323Page - Texas Instruments TMS320DM814x Datasheet HTML 324Page - Texas Instruments TMS320DM814x Datasheet HTML 325Page - Texas Instruments TMS320DM814x Datasheet HTML 326Page - Texas Instruments TMS320DM814x Datasheet HTML 327Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 376 page
background image
DQLMX3
DQLMY0
DQLMY3
DQLMY2
DB3
DQLMX2
DB2
3
2
1
DQ[23:31]/DM3/DQS3
0
DQ[16:23]/DM2/DQS2
DQLMX1
DB1
DB0
DQLMX0
DQ[8:15]/DM1/DQS1
DQ[0:7]/DM0/DQS0
DQLMY1
DB0 - DB3 represent data bytes 0 - 3.
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Given the DQS and DQ/DM pin locations on the processor and the DDR3 memories, the maximum
possible Manhattan distance can be determined given the placement. Figure 8-80 shows this distance for
four loads. It is from this distance that the specifications on the lengths of the transmission lines for the
data bus are determined. For DQS and DQ/DM routing, these specifications are contained in Table 8-76.
There are four DQLMs, one for each byte (32-bit interface). Each DQLM is the longest Manhattan distance of the
byte; therefore:
DQLM0 = DQLMX0 + DQLMY0
DQLM1 = DQLMX1 + DQLMY1
DQLM2 = DQLMX2 + DQLMY2
DQLM3 = DQLMX3 + DQLMY3
Figure 8-80. DQLM for Any Number of Allowed DDR3 Devices
Table 8-76. Data Routing Specification(1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
DB0 nominal length(2)(3)
DQLM0
mils
2
DB1 nominal length(2)(4)
DQLM1
mils
3
DB2 nominal length(2)(5)
DQLM2
mils
4
DB3 nominal length(2)(6)
DQLM3
mils
5
DBn skew(7)
25
mils
6
DQSn+ to DQSn- skew
5
mils
7
DQSn to DBn skew(7)(8)
25
mils
8
Center-to-center DBn to other DDR3 trace spacing(9)(10)
4w
9
Center-to-center DBn to other DBn trace spacing (9)(11)
3w
10
DQSn center-to-center spacing(12)
(13)
11
DQSn center-to-center spacing to other net(9)
4w
(1)
External termination disallowed. Data termination should use built-in ODT functionality.
(2)
DQLMn is the longest Manhattan distance of a byte. For definition, see Section 8.13.4.2.4.13.2 and Figure 8-80.
(3)
DQLM0 is the longest Manhattan length for the net classes of Byte 0.
(4)
DQLM1 is the longest Manhattan length for the net classes of Byte 1.
(5)
DQLM2 is the longest Manhattan length for the net classes of Byte 2.
(6)
DQLM3 is the longest Manhattan length for the net classes of Byte 3.
(7)
Length matching is only done within a byte. Length matching across bytes is neither required nor recommended.
(8)
Each DQS pair is length matched to its associated byte.
(9)
Center-to-center spacing is allowed to fall to minimum (w) for up to 1250 mils of routed length.
(10) Other DDR3 trace spacing means other DDR3 net classes not within the byte.
(11) This applies to spacing within the net classes of a byte.
(12) DQS pair spacing is set to ensure proper differential impedance.
(13) The most important thing to do is control the impedance so inadvertent impedance mismatches are not created. Generally speaking,
center-to-center spacing should be either 2w or slightly larger than 2w to achieve a differential impedance equal to twice the single-
ended impedance, Zo.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
323
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com