Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 338 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 338 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 334Page - Texas Instruments TMS320DM814x Datasheet HTML 335Page - Texas Instruments TMS320DM814x Datasheet HTML 336Page - Texas Instruments TMS320DM814x Datasheet HTML 337Page - Texas Instruments TMS320DM814x Datasheet HTML 338Page - Texas Instruments TMS320DM814x Datasheet HTML 339Page - Texas Instruments TMS320DM814x Datasheet HTML 340Page - Texas Instruments TMS320DM814x Datasheet HTML 341Page - Texas Instruments TMS320DM814x Datasheet HTML 342Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 376 page
background image
START
XMIT
Valid
Valid
Valid
END
7
SDx_CLK
SDx_CMD
13
10
9
13
13
13
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-85. MMC/SD/SDIO Registers(1) (continued)
MMC/SD/SDIO0
MMC/SD/SDIO1
MMC/SD/SDIO2
ACRONYM
REGISTER NAME
HEX ADDRESS
HEX ADDRESS
HEX ADDRESS
0x4806 0250
0x481D 8250
0x4781 0250
MMCHS_FE
Force Event
0x4806 0254
0x481D 8254
0x4781 0254
MMCHS_ADMAES
ADMA Error Status
0x4806 0258
0x481D 8258
0x4781 0258
MMCHS_ADMASAL
ADMA System address Low bits
0x4806 025C
0x481D 825C
0x4781 025C
MMCHS_ADMASAH
ADMA System address High bits
0x4806 02FC
0x481D 82FC
0x4781 02FC
MMCHS_REV
Versions
8.16.2 MMC/SD/SDIO Electrical Data/Timing
Table 8-86. Timing Requirements for MMC/SD/SDIO
(see Figure 8-86, Figure 8-88)
OPP100/120/166
NO
ALL MODES
UNIT
.
MIN
MAX
1
tsu(CMDV-CLKH)
Setup time, SD_CMD valid before SD_CLK rising clock edge
4.1
ns
SD1
1.9
2
th(CLKH-CMDV)
Hold time, SD_CMD valid after SD_CLK rising clock edge
ns
SD0, SD2
2.9
3
tsu(DATV-CLKH)
Setup time, SD_DATx valid before SD_CLK rising clock edge
4.1
ns
SD1
1.9
4
th(CLKH-DATV)
Hold time, SD_DATx valid after SD_CLK rising clock edge
ns
SD0, SD2
2.9
Table 8-87. Switching Characteristics Over Recommended Operating Conditions for MMC/SD/SDIO
(see Figure 8-85 through Figure 8-88)
OPP100/120/166
MODES
NO.
PARAMETER
UNIT
3.3 V STD
3.3 V HS
1.8 V SDR12
1.8 V SDR25
MIN
MAX
MIN
MAX
fop(CLK)
Operating frequency, SD_CLK
24
48
MHz
7
tc(CLK)
Operating period: SD_CLK
41.7
20.8
ns
fop(CLKID)
Identification mode frequency, SD_CLK
400
400
kHz
8
tc(CLKID)
Identification mode period: SD_CLK
2500.0
2500.0
ns
9
tw(CLKL)
Pulse duration, SD_CLK low
0.5*P(1)
0.5*P(1)
ns
10
tw(CLKH)
Pulse duration, SD_CLK high
0.5*P(1)
0.5*P(1)
ns
11
tr(CLK)
Rise time, All Signals (10% to 90%)
2.2
2.2
ns
12
tf(CLK)
Fall time, All Signals (10% to 90%)
2.2
2.2
ns
Delay time, SD_CLK rising clock edge to SD_CMD
13
td(CLKL-CMD)
1.5
10
1.5
10
ns
transition
Delay time, SD_CLK rising clock edge to SD_DATx
14
td(CLKL-DAT)
1.5
10
1.5
10
ns
transition
(1)
P = SD_CLK period.
Figure 8-85. MMC/SD/SDIO Host Command Timing
338
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com