Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 340 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 340 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 336Page - Texas Instruments TMS320DM814x Datasheet HTML 337Page - Texas Instruments TMS320DM814x Datasheet HTML 338Page - Texas Instruments TMS320DM814x Datasheet HTML 339Page - Texas Instruments TMS320DM814x Datasheet HTML 340Page - Texas Instruments TMS320DM814x Datasheet HTML 341Page - Texas Instruments TMS320DM814x Datasheet HTML 342Page - Texas Instruments TMS320DM814x Datasheet HTML 343Page - Texas Instruments TMS320DM814x Datasheet HTML 344Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.17 Peripheral Component Interconnect Express (PCIe)
The device supports connections to PCIe-compliant devices via the integrated PCIe master/slave bus
interface. The PCIe module is comprised of a dual-mode PCIe core and a SerDes PHY. The device
implements a single one-lane PCIe 2.0 (5.0 GT/s) Endpoint/Root Complex port.
The device PCIe supports the following features:
•
Supports Gen1/Gen2 in x1 or x2 mode
•
One port with one 5 GT/s lane
•
Single virtual channel (VC), single traffic class (TC)
•
Single function in end-point mode
•
Automatic width and speed negotiation and lane reversal
•
Max payload: 128 byte outbound, 256 byte inbound
•
Automatic credit management
•
ECRC generation and checking
•
Configurable BAR filtering
•
Supports PCIe messages
•
Legacy interrupt reception (RC) and generation (EP)
•
MSI generation and reception
•
PCI device power management, except D3 cold with vaux
•
Active state power management state L0 and L1.
For more detailed information on the PCIe port peripheral module, see the PCI Express (PCIe) Module
chapter of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature
Number: SPRUGZ8).
The PCIe peripheral on the device conforms to the PCI Express Base 2.0 Specification.
8.17.1 PCIe Peripheral Register Descriptions
Table 8-88. PCIe Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x5100 0000
PID
Peripheral Version and ID
0x5100 0004
CMD_STATUS
Command Status
0x5100 0008
CFG_SETUP
Config Transaction Setup
0x5100 000C
IOBASE
IO TLP Base
0x5100 0010
TLPCFG
TLP Attribute Configuration
0x5100 0014
RSTCMD
Reset Command and Status
0x5100 0020
PMCMD
Power Management Command
0x5100 0024
PMCFG
Power Management Configuration
0x5100 0028
ACT_STATUS
Activity Status
0x5100 0030
OB_SIZE
Outbound Size
0x5100 0034
DIAG_CTRL
Diagnostic Control
0x5100 0038
ENDIAN
Endian Mode
0x5100 003C
PRIORITY
CBA Transaction Priority
0x5100 0050
IRQ_EOI
End of Interrupt
0x5100 0054
MSI_IRQ
MSI Interrupt IRQ
0x5100 0064
EP_IRQ_SET
Endpoint Interrupt Request Set
0x5100 0068
EP_IRQ_CLR
Endpoint Interrupt Request Clear
0x5100 006C
EP_IRQ_STATUS
Endpoint Interrupt Status
0x5100 0070
GPRO
General Purpose 0
340
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com