Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 344 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 344 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 340Page - Texas Instruments TMS320DM814x Datasheet HTML 341Page - Texas Instruments TMS320DM814x Datasheet HTML 342Page - Texas Instruments TMS320DM814x Datasheet HTML 343Page - Texas Instruments TMS320DM814x Datasheet HTML 344Page - Texas Instruments TMS320DM814x Datasheet HTML 345Page - Texas Instruments TMS320DM814x Datasheet HTML 346Page - Texas Instruments TMS320DM814x Datasheet HTML 347Page - Texas Instruments TMS320DM814x Datasheet HTML 348Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-94. PCI Express Extended Capabilities Register Summary (continued)
HEX ADDRESS
ACRONYM
NAME
5100_1110
PCIE_CERR
PCI Express Correctable Error Status Register
5100_1114
PCIE_CERR_MASK
PCI Express Correctable Error Mask Register
5100_1118
PCIE_ACCR
PCI Express Advanced Capabilities and Control Register
5100_111C
HDR_LOG0
Header Log 0 Register
5100_1120
HDR_LOG1
Header Log 1 Register
5100_1124
HDR_LOG2
Header Log 2 Register
5100_1128
HDR_LOG3
Header Log 3 Register
5100_112C
RC_ERR_CMD
Root Error Command Register
5100_1130
RC_ERR_ST
Root Error Status Register
5100_1134
ERR_SRC_ID
Error Source Identification Register
Table 8-95. Port Logic Register Summary
HEX ADDRESS
ACRONYM
NAME
5100_1700
PL_ACKTIMER
Ack Latency Time and Replay Timer Register
5100_1704
PL_OMSG
Other Message Register
5100_1708
PL_FORCE_LINK
Port Force Link Register
5100_170C
ACK_FREQ
Ack Frequency Register
5100_1710
PL_LINK_CTRL
Port Link Control Register
5100_1714
LANE_SKEW
Lane Skew Register
5100_1718
SYM_NUM
Symbol Number Register
5100_171C
SYMTIMER_FLTMASK
Symbol Timer and Filter Mask Register
5100_1720
FLT_MASK2
Filter Mask 2 Register
5100_1728
DEBUG0
Debug 0 Register
5100_172C
DEBUG1
Debug 1 Register
5100_180C
PL_GEN2
Gen2 Register
8.17.2 PCIe Electrical Data/Timing
Texas Instruments (TI) has performed the simulation and system characterization to ensure that the PCIe
peripheral meets all AC timing specifications as required by the PCI Express Base 2.0 Specification.
Therefore, the AC timing specifications are not reproduced here. For more information on the AC timing
specifications, see Sections 4.3.3.5 and 4.3.4.4 of the PCI Express Base 2.0 Specification.
8.17.3 PCIe Design and Layout Guidelines
8.17.3.1 Clock Source
A standard 100-MHz PCIe differential clock source must be used for PCIe operation (for more details, see
Section 7.4.2, SERDES CLKN/P Input Clock).
8.17.3.2 PCIe Connections and Interface Compliance
The PCIe interface on the device is compliant with the PCI Express Base 2.0 Specification. Refer to the
PCIe specifications for all connections that are described in it. For coupling capacitor selection, see
Section 8.17.3.2.1, Coupling Capacitors.
The use of PCIe-compatible bridges and switches is allowed for interfacing with more than one other
processor or PCIe device.
344
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com