Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 341 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 341 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 337Page - Texas Instruments TMS320DM814x Datasheet HTML 338Page - Texas Instruments TMS320DM814x Datasheet HTML 339Page - Texas Instruments TMS320DM814x Datasheet HTML 340Page - Texas Instruments TMS320DM814x Datasheet HTML 341Page - Texas Instruments TMS320DM814x Datasheet HTML 342Page - Texas Instruments TMS320DM814x Datasheet HTML 343Page - Texas Instruments TMS320DM814x Datasheet HTML 344Page - Texas Instruments TMS320DM814x Datasheet HTML 345Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 8-88. PCIe Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x5100 0074
GPR1
General Purpose 1
0x5100 0078
GPR2
General Purpose 2
0x5100 007C
GPR3
General Purpose 3
0x5100 0100
MSI0_IRQ_STATUS_RAW
MSI 0 Interrupt Raw Status
0x5100 0104
MSI0_IRQ_STATUS
MSI 0 Interrupt Enabled Status
0x5100 0108
MSI0_IRQ_ENABLE_SET
MSI 0 Interrupt Enable Set
0x5100 010C
MSI0_IRQ_ENABLE_CLR
MSI 0 Interrupt Enable Clear
0x5100 0180
IRQ_STATUS_RAW
Raw Interrupt Status
0x5100 0184
IRQ_STATUS
Interrupt Enabled Status
0x5100 0188
IRQ_ENABLE_SET
Interrupt Enable Set
0x5100 018C
IRQ_ENABLE_CLR
Interrupt Enable Clear
0x5100 01C0
ERR_IRQ_STATUS_RAW
Raw ERR Interrupt Status
0x5100 01C4
ERR_IRQ_STATUS
ERR Interrupt Enabled Status
0x5100 01C8
ERR_IRQ_ENABLE_SET
ERR Interrupt Enable Set
0x5100 01CC
ERR_IRQ_ENABLE_CLR
ERR Interrupt Enable Clear
0x5100 01D0
PMRST_IRQ_STATUS_RAW
Power Management and Reset Interrupt Status
0x5100 01D4
PMRST_IRQ_STATUS
Power Management and Reset Interrupt Enabled Status
0x5100 01D8
PMRST_ENABLE_SET
Power Management and Reset Interrupt Enable Set
0x5100 01DC
PMRST_ENABLE_CLR
Power Management and Reset Interrupt Enable Clear
0x5100 0200
OB_OFFSET_INDEXn
Outbound Translation Region N Offset Low and Index
0x5100 0204
OB_OFFSETn_HI
Outbound Translation Region N Offset High
0x5100 0300
IB_BAR0
Inbound Translation Bar Match 0
0x5100 0304
IB_START0_LO
Inbound Translation 0 Start Address Low
0x5100 0308
IB_START0_HI
Inbound Translation 0 Start Address High
0x5100 030C
IB_OFFSET0
Inbound Translation 0 Address Offset
0x5100 0310
IB_BAR1
Inbound Translation Bar Match 1
0x5100 0314
IB_START1_LO
Inbound Translation 1 Start Address Low
0x5100 0318
IB_START1_HI
Inbound Translation 1 Start Address High
0x5100 031C
IB_OFFSET1
Inbound Translation 1 Address Offset
0x5100 0320
IB_BAR2
Inbound Translation Bar Match 2
0x5100 0324
IB_START2_LO
Inbound Translation 2 Start Address Low
0x5100 0328
IB_START2_HI
Inbound Translation 2 Start Address High
0x5100 032C
IB_OFFSET2
Inbound Translation 2 Address Offset
0x5100 0330
IB_BAR3
Inbound Translation Bar Match 3
0x5100 0334
IB_START3_LO
Inbound Translation 3 Start Address Low
0x5100 0338
IB_START3_HI
Inbound Translation 3 Start Address High
0x5100 033C
IB_OFFSET3
Inbound Translation 3 Address Offset
0x5100 0380
PCS_CFG0
PCS Configuration 0
0x5100 0384
PCS_CFG1
PCS Configuration 1
0x5100 0388
PCS_STATUS
PCS Status
0x5100 038C
SERDES_STATUS
SerDes Status
0x5100 0390
SERDES_RXCFG0
SerDes Receive Configuration 0 Register
0x5100 0394
SERDES_RXCFG1
SerDes Receive Configuration 1 Register
0x5100 0398
SERDES_RXCFG2
SerDes Receive Configuration 2 Register
0x5100 039C
SERDES_RXCFG3
SerDes Receive Configuration 3 Register
0x5100 03A0
SERDES_RXCFG4
SerDes Receive Configuration 4 Register
0x5100 03A4
SERDES_TXCFG0
SerDes Transmit Configuration 0 Register
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
341
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com