Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 5 Page - Texas Instruments

  VSP1221 Datasheet HTML 1Page - Texas Instruments VSP1221 Datasheet HTML 2Page - Texas Instruments VSP1221 Datasheet HTML 3Page - Texas Instruments VSP1221 Datasheet HTML 4Page - Texas Instruments VSP1221 Datasheet HTML 5Page - Texas Instruments VSP1221 Datasheet HTML 6Page - Texas Instruments VSP1221 Datasheet HTML 7Page - Texas Instruments VSP1221 Datasheet HTML 8Page - Texas Instruments VSP1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (CONTINUED)
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
DEVICE SPECIFICATIONS
All typical specifications are at T
A = 25°C, all power supply voltages = 3 V, and conversion rate = 21 MHz, unless otherwise
stated. All maximum specifications are assured across operating temperature and voltage ranges.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FULL CHANNEL
Input signal level for full-scale output
Single ended, gain = 0 dB
1000
mV
Input capacitance
8
pF
Input referred noise
Gain = 0 dB
130
360
µV
Integral nonlinearity
Gain = 0 dB
±1.5
±2
±5
LSB
Differential nonlinearity
Gain = 0 dB
±0.5 ±0.75 +1.5/-1
LSB
Data latency
10
Clocks
Conversion rate
21
MHz
PGA
Gain control code
10
Bits
Maximum gain
Gain code = 1011010000 (720 Decimal)
36
dB
Minimum gain
Gain code = 0000000000
0
dB
Gain resolution
0.05
dB
Integral nonlinearity
±0.02 ±0.05
±0.4
dB
Differential nonlinearity
±0.02 ±0.05
±0.3
dB
ANALOG-TO-DIGITAL CONVERTER (ADC)
Resolution
12
Bits
Conversion rate
21
MHz
No missing codes
Integral nonlinearity
±1
LSB
Differential nonlinearity
±0.5
LSB
3.5
Data latency
Clocks
(fixed)
GENERAL-PURPOSE DIGITAL-TO-ANALOG CONVERTER (DAC)
Resolution
8
Bits
Integral nonlinearity
±0.1
±1
LSB
Differential nonlinearity
±0.1
±1
LSB
Output voltage range
0
AVDD
V
Output settling time
10-pF external load. Settle to 1 mV
4
µs
SERIAL INTERFACE
Clock frequency (SCLK)
DIVDD = 3 V
40
MHz
OPTICAL-BLACK CALIBRATION
Maximum correctable CCD black level
100
mV
Convergence time
Black level = 100 mV, gain = 12 dB, OB reference level = 0
440
550
Clocks
Gain = 0-20dB
±1
±2
Gain = 20-26 dB
±1
±4
Calibration error
LSB
Gain = 26-32 dB
±2
±4
Gain = 32-36 dB
±4
±8
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com