Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 3 Page - Texas Instruments

  VSP1221 Datasheet HTML 1Page - Texas Instruments VSP1221 Datasheet HTML 2Page - Texas Instruments VSP1221 Datasheet HTML 3Page - Texas Instruments VSP1221 Datasheet HTML 4Page - Texas Instruments VSP1221 Datasheet HTML 5Page - Texas Instruments VSP1221 Datasheet HTML 6Page - Texas Instruments VSP1221 Datasheet HTML 7Page - Texas Instruments VSP1221 Datasheet HTML 8Page - Texas Instruments VSP1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
12
+
−
2x8
8
D0/SDO
10
DIN
PIN
CLAMP
CLPDM
CLREF
TP1
TP2
AVDD
INT. REF.
REFP ISET REFM
DVDD
DIVDD
12-Bit
ADC
Digital
PGA
Analog
PGA
Offset
Correction
8-Bit
DAC
DACO1
CFG1
CFG2
DAC
Register
8-Bit
DAC
DACO2
DAC
Register
AVSS
VSS
PGA
Register
Vb
Register
OB DAC
OB
Calibration
Circuit
Serial
Port
DVSS
DIVSS
Logic
Control
3-State
Latch
OE
D11
RESET
ADCCLK
SHD
SHP
BLKG
CLPOB
STBY
SLOAD
SCLK
SDIN
SCKP
CDS
ABSOLUTE MAXIMUM RATINGS
(1)
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
Terminal Functions (continued)
TERMINAL
TYPE(1)
DESCRIPTION
NAME
PIN
SCKP
45
DI
SCKP - Serial clock polarity:
High = Sample serial data on rising edge of serial clock (pin 48)
Low = Sample serial data on falling edge of serial clock (pin 48)
SLOAD
46
DI
Serial data latch
SDIN
47
DI
Serial data input
SCLK
48
DI
Serial clock input
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Internal Block Diagram fo the VSP1221
over operating free-air temperature range (unless otherwise noted)
UNIT
Supply voltage, AVDD, DVDD, DIVDD
-0.3 V to 6.5 V
Analog input voltage
-0.3 V to AVDD + 0.3 V
Digital input voltage
-0.3 V to DVDD + 0.3 V
Junction temperature, TJ
0
°C to 150°C
Storage temperature, Tstg
-65
°C to 150°C
Lead temperature, (10 sec)
260
°C
(1)
Stresses beyond those listed under,, absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under ,,recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com