Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 19 Page - Texas Instruments

Back Button VSP1221 Datasheet HTML 15Page - Texas Instruments VSP1221 Datasheet HTML 16Page - Texas Instruments VSP1221 Datasheet HTML 17Page - Texas Instruments VSP1221 Datasheet HTML 18Page - Texas Instruments VSP1221 Datasheet HTML 19Page - Texas Instruments VSP1221 Datasheet HTML 20Page - Texas Instruments VSP1221 Datasheet HTML 21Page - Texas Instruments VSP1221 Datasheet HTML 22Page - Texas Instruments VSP1221 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
www.ti.com
APPLICATION INFORMATION
Data
14 15
DACO2
AVSS
DACO1
AVDD
TP2
PIN
DIN
TP1
CLREF
AVDD
AVSS
VSS
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
D0/SDO
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
3 V
0.22
µF
0.22
µF
Buffer
0.1
µF
1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
VSP1221
ICX205
(CCD)
CXD2460
(Timing Generator)
CLAMP
SR
SV
OBCLP
BLKG
ADCCLK
Signal Processor
Block
PIXEL CLOCK
LINE CLOCK
FRAME CLOCK
CCDOUT
Serial
Interface
CCD INPUT
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
Figure 9. Application Diagram of the VSP1221
NOTE:
The application circuits shown are typical examples of the operation of the devices.
Texas Instruments cannot assume responsibility for any problems arising out of the
use of these circuits or for any infringement of third-pary patents and other rights due
to the same.
The CCD output may need an off-chip external buffer in order to drive the input capacitive load of the VSP1221.
The buffer output is applied to DIN (pin 30) through an ac-coupling capacitor. It is advisable to connect PIN (pin
31) to the buffer ground through a similar ac-coupling capacitor for the following reason: since the input stage of
the VSP1221 is differential, the input to the CDS is the voltage difference between DIN and PIN. Hence, if the
noise path for DIN and PIN are similar, the noise can be effectively cancelled. This is not the case if the noise
paths are different. However, PIN can also be connected directly to ground.In this case, bit SD8 (CLAMPPIN) of
the control register should be 1 (see the control register section). If PIN is connected to an ac-coupling capacitor,
it is recommended to set bit SD8 (CLAMPPIN) of the control register to 0 so that the ac-coupling capacitor is
charged to a fixed clamp voltage. The recommended value for the ac coupling capacitor is 0.22 µF.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com