Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 13 Page - Texas Instruments

Back Button VSP1221 Datasheet HTML 9Page - Texas Instruments VSP1221 Datasheet HTML 10Page - Texas Instruments VSP1221 Datasheet HTML 11Page - Texas Instruments VSP1221 Datasheet HTML 12Page - Texas Instruments VSP1221 Datasheet HTML 13Page - Texas Instruments VSP1221 Datasheet HTML 14Page - Texas Instruments VSP1221 Datasheet HTML 15Page - Texas Instruments VSP1221 Datasheet HTML 16Page - Texas Instruments VSP1221 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
Blanking Register
Signal Polarity Register
(1)
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
SD15
SD0
SD14
SD13
SD12
SD11
SD10
SD9
SD8
SD7
SD6
SD5
SD4
SD3
SD2
SD1
MSB
LSB
RD/WR
0
0
1
1
1
MSB
BLKGVAL
LSB
Address
Data
BIT
NAME
DEFAULT
DESCRIPTION
VALUE
SD0-
BLKGVAL
All 0
Output data when BLKG (pin 19) is low
DS9
Code
Output data (blanking level)
0000000000
0
LSB
0000000001
1
LSB
.
.
1111111110
1022
LSBs
1111111111
1023
LSBs
SD8-
Reserved
All 0
Reserved
SD9
SD15
SD0
SD14
SD13
SD12
SD11
SD10
SD9
SD8
SD7
SD6
SD5
SD4
SD3
SD2
SD1
MSB
LSB
RD/WR
0
1
0
0
0
Reserved
SPDZ
ADCZ
OBZ
BLZ
CLZ
Address
Data
(1)
For this register to take effect, bit SD4 of timing register 1 must be 0.
BIT
NAME
DEFAULT VALUE
DESCRIPTION
SD0
CLZ
0
CLZ = 0, CLPDM (pin 23) = active low
CLZ = 1, CLPDM (pin 23) = active high
SD1
BLZ
0
BLZ = 0, BLKG (pin 19) = active low
BLZ = 1, BLKG (pin 19) = active high
SD2
OBZ
0
OBZ = 0, CLPOB (pin 20) = active low
OBZ = 1, CLPOB (pin 20) = active high
SD3
ADCZ
0
ADCZ = 0, ADCCLK (pin 16) = active low
ADCZ = 1, ADCCLK (pin 16) = active high
SD4
SPDZ
0
SPDZ = 0, SHP (pin 21) = active low, SHD (pin 22) = active low
SPDZ = 1, SHP (pin 21) = active high, SHD (pin 22) = active high
SD5-SD9
Reserved
All 0
Reserved
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com