Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 8 Page - Texas Instruments

Back Button VSP1221 Datasheet HTML 4Page - Texas Instruments VSP1221 Datasheet HTML 5Page - Texas Instruments VSP1221 Datasheet HTML 6Page - Texas Instruments VSP1221 Datasheet HTML 7Page - Texas Instruments VSP1221 Datasheet HTML 8Page - Texas Instruments VSP1221 Datasheet HTML 9Page - Texas Instruments VSP1221 Datasheet HTML 10Page - Texas Instruments VSP1221 Datasheet HTML 11Page - Texas Instruments VSP1221 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
Standard Functionality, SCKP (Pin 45) = High, Operation = Read
MSB
A4 A3 A2 A1 A0
(Address)
CLK CLK
1
2
CLK
6
CLK
7
CLK
16
CLK
17
CLK
18
CLK
19
CLK
23
CLK
24
CLK
32
tSLOADS
tSLOADH
MSB
D9–D0 LSB
DATA_REQUEST
(16 Bits)
D9–D0
(Data)
LSB
D15–D10
DATA_SEND
(16 Bits)
SLOAD
SCLK
SDIN
SDO
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
Figure 5. Serial Interface Timing for Read, SCKP = High
Device register values can be read back serially from the SDO pin (pin 1). For serial data read, user first sends a
16 bit DATA_REQUEST on the SDIN pin (pin 47). The format is as follows:
DATA_REQUEST on SDIN
SD15
SD14-SD10
SD9-SD0
1
Required register address
Don't Care
Although the length of DATA_REQUEST is 16 bits, the ten LSBs are don't cares. Also, note that SD15 (RD/WR)
should be 1 for register read (see the serial data format section). The register address portion of
DATA_REQUEST is decoded and the register data value (DATA_SEND) is available on the SDO pin at the rising
edge of CLK18 (see Figure 5) if SLOAD is low at that time. If SLOAD is high at that time, then DATA_SEND is
available when SLOAD goes low again. The format of DATA_SEND is as follows:
DATA_SEND on SDO
SD15-SD10
SD9-SD0
Don't Care
Required register data
Although the length of DATA_SEND is 16 bits, the six MSBs are don't cares.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com