Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 2 Page - Texas Instruments

  VSP1221 Datasheet HTML 1Page - Texas Instruments VSP1221 Datasheet HTML 2Page - Texas Instruments VSP1221 Datasheet HTML 3Page - Texas Instruments VSP1221 Datasheet HTML 4Page - Texas Instruments VSP1221 Datasheet HTML 5Page - Texas Instruments VSP1221 Datasheet HTML 6Page - Texas Instruments VSP1221 Datasheet HTML 7Page - Texas Instruments VSP1221 Datasheet HTML 8Page - Texas Instruments VSP1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
Terminal Functions
TERMINAL
TYPE(1)
DESCRIPTION
NAME
PIN
D0
D0 = Bit 0 ADC output, least-significant bit (LSB)
1
DO
/SDO
SDO = Serial data output (used for register read back)
D1
2
DO
Bit 1 ADC output
D2
3
DO
Bit 2 ADC output
D3
4
DO
Bit 3 ADC output
D4
5
DO
Bit 4 ADC output
D5
6
DO
Bit 5 ADC output
D6
7
DO
Bit 6 ADC output
D7
8
DO
Bit 7 ADC output
D8
9
DO
Bit 8 ADC output
D9
10
DO
Bit 9 ADC output
D10
11
DO
Bit 10 ADC output
D11
12
DO
Bit 11 ADC output, most-significant bit (MSB)
DIVDD
13
P
Power supply for digital I/O
DIVSS
14
P
Digital ground for digital I/O
DVSS
15
P
Digital ground
ADCCL
16
DI
ADC clock
K
DVDD
17
P
Digital power supply
CFG1
18
DI
Configuration pin 1. Must be connected to GND
BLKG
19
DI
Blanking pulse:
High = Normal operation
Low = Digital output as programmed in the blanking register (see the blanking register section)
CLPOB
20
DI
Optical-black clamping pulse (default = active low)
SHP
21
DI
CDS reference sampling pulse (default = active low)
SHD
22
DI
CDS data sampling pulse (default = active low)
CLPDM
23
DI
Dummy clamping pulse (default = active low)
CFG2
24
DI
Configuration pin 2. Must be connected to GND
VSS
25
P
Substrate ground
AVSS
26, 35, 41
P
Analog ground
AVDD
27, 33, 40
P
Analog power supply
CLREF
28
AO
External decoupling for clamp voltage
TP1
29
AIO
Test point. Do not connect
DIN
30
AI
CCD signal input
PIN
31
AI
Input ground
TP2
32
AIO
Test point. Do not connect
DAC01
34
AO
General-purpose 8-bit DAC output voltage
DAC02
36
A0
General-purpose 8-bit DAC output voltage
ISET
37
AO
Internal bias-current setting
REFP
38
AO
External decoupling for internal positive reference
REFM
39
AO
External decoupling for internal negative reference
OE
42
DI
Output data enable:
Low = Normal operation
High = Digital output high impedance state
RESET
43
DI
Hardware reset (active low)
STBY
44
DI
Hardware power down (active low)
(1)
P: Power Supply, AI: Analog input, AO: Analog output, AIO: Analog input/output, DI: Digital input, DO: Digital output
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com