Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 11 Page - Texas Instruments

Back Button VSP1221 Datasheet HTML 7Page - Texas Instruments VSP1221 Datasheet HTML 8Page - Texas Instruments VSP1221 Datasheet HTML 9Page - Texas Instruments VSP1221 Datasheet HTML 10Page - Texas Instruments VSP1221 Datasheet HTML 11Page - Texas Instruments VSP1221 Datasheet HTML 12Page - Texas Instruments VSP1221 Datasheet HTML 13Page - Texas Instruments VSP1221 Datasheet HTML 14Page - Texas Instruments VSP1221 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
Control Register
Programmable-Gain Amplifier (PGA) Register
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
SD15
SD1
SD1
SD0
SD14
SD12
SD10
SD9
SD8
SD7
SD6
SD5
SD4
SD3
SD2
SD1
MSB
3
1
LSB
RD/W
Re-
Re-
0
0
0
0
0
STBYZ
CLAMPPIN
OB
Reserved
Reserved
RTSY
R
served
served
Address
Data
BIT
NAME
DEFAULT VALUE
DESCRIPTION
SD0
RTSY
0
RTSY = 0, no change
RTSY = 1, reset all register bits to their default settings
SD1
RESERVED
0
Reserved
SD2
RESERVED
0
Reserved
SD3-SD5
RESERVED
All 0
Reserved
SD6
RESERVED
X
Reserved
SD7
OB
1
OB = 0, optical-black calibration disable(1)
OB = 1, optical-black calibration enable
SD8
CLAMPPIN(2)
1
CLAMPPIN = 1, disable clamping on PIN (pin 31), connect PIN directly to ground.
CLAMPPIN = 0, enable clamping on PIN (pin 31), connect PIN to ground via capacitor.
SD9
STBYZ
1
STBYZ = 0, device in power-down mode (software power down) STBYZ = 1, no change
(1)
Under this condition, the previous value of black level remains unchanged.
(2)
See the CCD input section.
SD15
SD0
SD14
SD13
SD12
SD11
SD10
SD9
SD8
SD7
SD6
SD5
SD4
SD3
SD2
SD1
MSB
LSB
RD/WR
0
0
0
0
1
MSB
GAIN
LSB
Address
Data
BIT
NAME
DEFAULT VALUE
DESCRIPTION
SD0-DS9
GAIN
All 0
Programmable-gain control
Gain step = 0.05 dB
Minimum gain = 0 dB
Maximum gain = 36 dB
Code
Gain
0000000000
0 dB
0000000001
0.05 dB
.
.
.
1011001111
35.95 dB
1011010000
36 dB
Higher codes
36 dB
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com