Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 6 Page - Texas Instruments

Back Button VSP1221 Datasheet HTML 2Page - Texas Instruments VSP1221 Datasheet HTML 3Page - Texas Instruments VSP1221 Datasheet HTML 4Page - Texas Instruments VSP1221 Datasheet HTML 5Page - Texas Instruments VSP1221 Datasheet HTML 6Page - Texas Instruments VSP1221 Datasheet HTML 7Page - Texas Instruments VSP1221 Datasheet HTML 8Page - Texas Instruments VSP1221 Datasheet HTML 9Page - Texas Instruments VSP1221 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
TIMING REQUIREMENTS
SAMPLE AND CONVERSION TIMING
N
N+1
N−10
tWSHD
tCCD_SHP
SHP
SHD
ADCCLK
tCCD_SHD
tDSHD
tADCCLK
tADC_SHD
tWADC
tHOLD
tOD
D0–D11
N−9
N−8
N−7
tWADC
DIN
(CCD IN)
tWSHP
tDSHP
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
Figure 2. Sample and Conversion Timing
SAMPLE AND CONVERSION TIMING
PARAMETERS
MIN
TYP
MAX
UNIT
tADCCLK
ADC clock period
46
ns
tWADC
ADC high or low width
23
ns
tWSHP
SHP pulse width
5
ns
tWSHD
SHD pulse width
5
ns
tCCD_SHP
CCD reset start to SHP rising edge
See Note(1)
See Note(1)
See Note(1)
tCCD_SHD
CCD data start to SHD rising edge
See Note(2)
See Note(2)
See Note(2)
tADC_SHD
ADC falling edge to SHD rising edge
15
35
ns
tDSHP
Sampling delay, reset
1
1.75
3
ns
tDSHD
Sampling delay, data
4
5
7
ns
tHOLD
Output hold time
4
ns
tOD
Output delay
4
15
ns
(1)
Best performance if tCCD_SHP > 15 ns
Good performance if 10 ns < tCCD_SHP < 15 ns
Poor performance if tCCD_SHP < 10 ns
(2)
Best performance if tCCD_SHD > 19 ns
Good performance if 10 ns < tCCD_SHD < 19 ns
Poor performance if tCCD_SHD < 15 ns
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com