Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 17 Page - Texas Instruments

Back Button VSP1221 Datasheet HTML 13Page - Texas Instruments VSP1221 Datasheet HTML 14Page - Texas Instruments VSP1221 Datasheet HTML 15Page - Texas Instruments VSP1221 Datasheet HTML 16Page - Texas Instruments VSP1221 Datasheet HTML 17Page - Texas Instruments VSP1221 Datasheet HTML 18Page - Texas Instruments VSP1221 Datasheet HTML 19Page - Texas Instruments VSP1221 Datasheet HTML 20Page - Texas Instruments VSP1221 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
www.ti.com
BLKG
CLPOB
OE
RESET
OPTICAL-BLACK CALIBRATION
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
PRINCIPLES OF OPERATION (continued)
Some CCDs have large transient output signals during blanking intervals. Such signals might drive the VSP1221
into saturation and can cause long recovery times. To prevent this, the VSP1221 has an input-blanking function
which disconnects the CCD input from the CDS when it receives the blanking (BLKG) signal. Additionally, the
output from the VSP1221 during blanking will be equal to the value programmed in the blanking register. The
blanking level can be adjusted by programming the blanking register through the serial port (see the blanking
register section).
The optical-black clamp (CLPOB) pulse is used for optical-black calibration (explained in the optical-black
calibration section). The CLPOB pulse is given to the device during optical-black pixels of the CCD.
Output enable (OE) is used to latch the output data to the output pins. When OE is low, data is latched to the
output pins (D0-D11); when it is high, the output is 3-state.
When the reset (RESET) signal is pulled low (hardware reset), all the internal registers are reset to their default
values. In addition, the device also has a software-reset option that allows setting the RTSY bit in the control
register through the serial port (see the control register section). See the control register section for the default
values of the internal registers. In addition to resetting the registers, hardware reset also resets the output of the
OB DAC to zero. However, to exactly reset the OB DAC to zero, RESET must be kept low for approximately
600 ns.
Optical-black calibration (OB) is used to clamp the CCD black level to the user-defined OB reference level. In
CCDs, thermally generated electrons produce a significant amount of charge even at room temperature. So,
even in the absence of light (black level), thermal electrons generate a considerable amount of current in CCDs.
Thus, the CCD black level carries a residual signal, also known as the CCD offset, which is typically in the order
of 50 mV. This residual signal reduces the effective dynamic range of the CCD input, resulting in a degradation
of image quality. An offset voltage must be subtracted from the CCD black level so that the difference between
the CCD black level and the offset voltage is equal to the reference OB level programmed by the user. The
reference OB level is much lower than the CCD black level, so that the effective dynamic range of the CCD input
increases and the image quality improves. The offset voltage has to be determined based on the CCD black
level. There are certain CCD pixels which are not exposed to light (optical-black pixels) and the CCD signal
corresponding to these pixels represent the CCD black level. Thus, the offset voltage is determined during the
optical-black pixels, and the offset voltage is kept constant and is subtracted from the CCD input to cancel the
CCD offset during normal image pixels.
OB calibration in the VSP1221 is done in a closed feedback loop. The difference between the CCD black level
and the offset voltage is compared with the user-defined OB reference level at the output of the digital PGA
stage. The error is fed to an OB calibration circuit which generates a step proportional to the error and a sign
based on the sign of the error. The step and the sign are then given to the OB DAC, which generates an analog
voltage that updates the offset voltage at the input of the CDS. If the error is positive, the offset voltage is
increased; if the error is negative, the offset voltage is decreased. This continues in a closed feedback loop until
the difference between the CCD black level and the offset voltage converges to the OB reference level. The OB
calibration circuit has been designed so that a 100-mV CCD black level converges to zeroreference OB level
within 500-750 pixel clocks. Convergence time increases with an increase in gain. Convergence is faster if the
CCD black level is smaller than 100 mV. A plot of the convergence time as a function of the PGA gain is shown
in the performance plots section. Since the feedback loop includes the CDS, the PGA, and the ADC, it also
cancels any offset introduced by these blocks. The OB reference level can be adjusted by programming the OB
register through the serial port (see the OB register section).
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com