Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 7 Page - Texas Instruments

Back Button VSP1221 Datasheet HTML 3Page - Texas Instruments VSP1221 Datasheet HTML 4Page - Texas Instruments VSP1221 Datasheet HTML 5Page - Texas Instruments VSP1221 Datasheet HTML 6Page - Texas Instruments VSP1221 Datasheet HTML 7Page - Texas Instruments VSP1221 Datasheet HTML 8Page - Texas Instruments VSP1221 Datasheet HTML 9Page - Texas Instruments VSP1221 Datasheet HTML 10Page - Texas Instruments VSP1221 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
SERIAL INTERFACE TIMING
Standard Functionality, SCKP (Pin 45) = High (Sample Data on Rising Edge of SCLK),
MSB
SLOAD
SCLK
SDIN
tSLOADS
tSLOADH
tSCLK
tWSCLK
tDS
tDH
16 Bits
LSB
tWSCLK
Standard Functionality, SCKP (Pin 45) = Low (Sample Data on Falling Edge of SCLK),
MSB
SLOAD
SCLK
SDIN
tSLOADS
tSLOADH
tSCLK
tWSCLK
tDS
tDH
16 Bits
LSB
tWSCLK
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
Operation = Write
Figure 3. Serial Interface Timing for Write, SCKP = High
Operation = Write
Figure 4. Serial Interface Timing for Write, SCKP = Low
SERIAL INTERFACE TIMING FOR WRITE, SCKP = LOW
PARAMETERS
MIN
TYP
MAX
UNIT
tSCLK
SCLK period
25
ns
tWSCLK
SCLK high or low width
12.5
ns
tSLOADS
SLOAD to SCLK setup time
5
ns
tSLOADH
SCLK to SLOAD hold time
2
ns
tDS
Data setup time
5
ns
tDH
Data hold time
2
ns
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com