Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 16 Page - Texas Instruments

Back Button VSP1221 Datasheet HTML 12Page - Texas Instruments VSP1221 Datasheet HTML 13Page - Texas Instruments VSP1221 Datasheet HTML 14Page - Texas Instruments VSP1221 Datasheet HTML 15Page - Texas Instruments VSP1221 Datasheet HTML 16Page - Texas Instruments VSP1221 Datasheet HTML 17Page - Texas Instruments VSP1221 Datasheet HTML 18Page - Texas Instruments VSP1221 Datasheet HTML 19Page - Texas Instruments VSP1221 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
www.ti.com
PGA
VOLTAGE REFERENCE
SERIAL INTERFACE
Standard Functionality
TIMING
SHP, SHD, and ADCCLK
CLPDM
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
PRINCIPLES OF OPERATION (continued)
VSP1221 has a programmable gain amplifier (PGA) which is composed of analog and digital stages. The total
gain range is 0 dB-36 dB in 0.05-dB steps. The gain can be adjusted by programming the PGA register through
the serial port, see the programmable gain amplifier (PGA) register section.
All the reference voltages and the bias currents used by the device are created by an internal bandgap circuit.
Connecting an external 100-k
Ω resistor from ISET (pin 37) to ground provides the bias current. The voltage at
the ISET pin is 1 V and the reference current is 10 µA (1 V/100 k
Ω). The reference voltages for the ADC are
REFP (2.05 V) and REFM (0.75 V). They are available on pins 38 and 39, respectively. The full-scale range of
the ADC is twice the difference between REFP and REFM. Pins REFP and REFM should be heavily decoupled
with appropriate capacitors (1 µF recommended).
A simple three-wire (SCLK, SDIN, and SLOAD) serial interface is provided to allow writing/reading the internal
registers of the VSP1221. The serial data SDIN (pin 47) is 16 bits long. The MSB (most significant bit) is set to 0
for writing to and to 1 for reading from the internal registers. Following this, there are five address bits for
accessing and ten data bits for writing to the particular registers. During a read operation, data from the particular
register is available on SDO (pin 1). To enable serial read/write, SLOAD (pin 46) should be pulled low. Sending
blocks of 16-bit data to SDIN can program multiple registers. The polarity of the serial clock (SCLK, pin 48) can
be controlled by SCKP (pin 45). For serial interface timing see the serial data format section; for serial data
format and description of the internal registers see the register description section.
A description of the different timing signals of the VSP1221 follows. The timing diagram in the sample and
conversion timing section has additional information. Note that the polarity of SHP/SHD, ADCCLK, CLPDM,
BLKG, and CLPOB can be programmed to be active low or active high (see the signal polarity register section).
The timing diagram in the timing specifications section is based on active-low polarity.
SHP/SHD are used for correlated double sampling of the CCD signal. Sample reference (SHP) is used to sample
the reference level of the CCD signal, and sample data (SHD) is used to sample the data level. The ADC clock
(ADCCLK) is used to latch the output of the ADC to the external pins. SHP, SHD, and ADCCLK are used to
generate internal timing signals using the on-chip timing generator for proper synchronization of different blocks.
SHP, SHD, and ADCCLK can be internally delayed by programming the timing registers through the serial port
(see the timing register 1 and timing register 2 sections.
The following is recommended to get the best performance:
SHP and SHD must first be aligned based on the CCD signal and timing shown in Figure 2 (tDSHP and tDSHD). It is
observed that if output data switches at the instant of sampling (tDSHP), the device noise performance degrades.
The data switches a few ns after the rising edge of ADCCLK (tOD). To improve performance, ADCCLK can be
varied within the tADC_SHDrange.
The CCD signal is capacitively coupled to the VSP1221 because the dc level of the CCD signal is usually too
high and might damage the chip. The purpose of the CLPDM signal is to clamp the ac-coupling capacitor Cin to
establish the proper dc bias for the CDS. The dc bias for the CDS is set to the clamp voltage, which is around
800 mV below the supply voltage. The clamp voltage can be decoupled with an external capacitor at CLREF (pin
28). This helps in charging the ac-coupling capacitor Cin faster, since the charge will be provided by the
decoupling capacitor. The recommended value for the decoupling capacitor is 1 µF. The dummy pixel clamp
(CLPDM) signal is usually available during the dummy pixels of the CCD and is applied at the line rate of the
CCD sensor.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com