Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 9 Page - Texas Instruments

Back Button VSP1221 Datasheet HTML 5Page - Texas Instruments VSP1221 Datasheet HTML 6Page - Texas Instruments VSP1221 Datasheet HTML 7Page - Texas Instruments VSP1221 Datasheet HTML 8Page - Texas Instruments VSP1221 Datasheet HTML 9Page - Texas Instruments VSP1221 Datasheet HTML 10Page - Texas Instruments VSP1221 Datasheet HTML 11Page - Texas Instruments VSP1221 Datasheet HTML 12Page - Texas Instruments VSP1221 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
SDO Timing
SCLK
SDO
MSB
tSHOLD
16 Bits
LSB
tSOD
Standard Functionality, SCKP (Pin 45) = Low, Operation = Read
MSB
A4 A3 A2 A1 A0
(Address)
CLK CLK
1
2
CLK
6
CLK
7
CLK
16
CLK
17
CLK
18
CLK
19
CLK
23
CLK
24
CLK
32
tSLOADS
tSLOADH
MSB
D9–D0 LSB
DATA_REQUEST
(16 Bits)
D9–D0
(Data)
LSB
D15–D10
DATA_SEND
(16 Bits)
SLOAD
SCLK
SDIN
SDO
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
Figure 6. Serial Interface Timing Between SCLK and SDO
SERIAL INTERFACE TIMING BETWEEN SCLK AND SDO(1)
PARAMETERS
MIN
TYP
MAX
UNIT
tSHOLD
Data output hold time
5
ns
tSOD
Data output delay
13
ns
(1)
Data output transition occurs at the falling edge of SCLK; so data should be sampled at the rising edge of SCLK. Since the SDO pin is
multiplexed with the D0 pin, OE (pin 42) should be low.
Figure 7. Serial Interface Timing for Read, SCKP = Low
The SDO timing is the same as before, except that data should be sampled at the falling edge of SCLK.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com