Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 4 Page - Texas Instruments

  VSP1221 Datasheet HTML 1Page - Texas Instruments VSP1221 Datasheet HTML 2Page - Texas Instruments VSP1221 Datasheet HTML 3Page - Texas Instruments VSP1221 Datasheet HTML 4Page - Texas Instruments VSP1221 Datasheet HTML 5Page - Texas Instruments VSP1221 Datasheet HTML 6Page - Texas Instruments VSP1221 Datasheet HTML 7Page - Texas Instruments VSP1221 Datasheet HTML 8Page - Texas Instruments VSP1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
GENERAL SPECIFICATIONS
All typical specifications are at T
A = 25°C, all power supply voltages = 3 V, and conversion rate = 21 MHz, unless otherwise
stated. All maximum specifications are assured across operating temperature and voltage ranges.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
AVDD
Analog supply voltage
2.7
3
3.3
DVDD
Digital supply voltage
2.7
3
3.3
V
DIVDD
Digital I/O supply voltage
1.8
3.3
AVDD
20
24
29
DVDD
Operating current
2
4
6
mA
DIVDD
0.5
1
4
Normal mode
80
90
100
Power dissipation
mW
Power-down mode
1
2
4
REFERENCE
Positive reference voltage
1 µF to ground (pin 38)
1.95
2.05
2.2
V
Negative reference voltage
1 µF to ground (pin 39)
0.7
0.75
0.9
V
External bandgap voltage reference
100 k
Ω to ground (pin 37)
1
V
Bandgap temperature coefficient
100
PPM/
°C
TEMPERATURE RANGE
TA
Operating temperature
-20
75
°C
DIGITAL INPUT
VIH
Logic-high input voltage
0.8DIVDD
V
VIL
Logic-low input voltage
0.2DIVDD
IIH
Logic-high input current
DIVDD = 3 V
-10
10
µA
IIL
Logic-low input current
DIVDD = 3 V
-10
10
CI
Input capacitance
5
pF
DIGITAL OUTPUT
VOH
Logic-high output voltage
IOH = 50 µA, DIVDD = 3 V
0.8DIVDD
V
VOL
Logic-low output voltage
IOL = 50 µA, DIVDD = 3 V
0.2DIVDD
IOZ
High-impedance-state output current
-10
10
µA
CO
Output capacitance
CO
5
15
pF
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com