Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 20 Page - Texas Instruments

Back Button VSP1221 Datasheet HTML 16Page - Texas Instruments VSP1221 Datasheet HTML 17Page - Texas Instruments VSP1221 Datasheet HTML 18Page - Texas Instruments VSP1221 Datasheet HTML 19Page - Texas Instruments VSP1221 Datasheet HTML 20Page - Texas Instruments VSP1221 Datasheet HTML 21Page - Texas Instruments VSP1221 Datasheet HTML 22Page - Texas Instruments VSP1221 Datasheet HTML 23Page - Texas Instruments VSP1221 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.ti.com
REFERENCE DECOUPLING
CLAMP DECOUPLING
INTERNAL BIAS CURRENT SETTING
POWER SUPPLY, GROUNDING, AND DEVICE DECOUPLING
DATA OUTPUT
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
APPLICATION INFORMATION (continued)
Pins REFP (pin 38) and REFM (pin 39) should be connected to ground by means of decoupling capacitors. A
1-µF ceramic capacitor is recommended for reference decoupling. For better high-frequency decoupling, 0.1 µF
ceramic capacitors may be used in parallel. The decoupling capacitors should be placed as close as possible to
the reference pins.
To decouple the clamp voltage, a 1-µF ceramic capacitor may be connected to CLREF (pin 28). See the
CLPDMsection for further details.
To set the internal bias current, ISET (pin 37) should be connected to ground through a 100-k
Ω resistor.
However, no capacitor should be connected to the ISET pin.
The VSP1221 has several power-supply pins. Each major internal analog block has a dedicated AVDD supply
pin (pins 27, 33, and 40). The DVDD supply pin (pin 17) powers all internal digital circuitry. Both AVDD and
DVDD work with 3-V power supplies. DIVDD and DIGND (pins 13 and 14) supply power to the output digital
driver (D0-D11). DIVDD is independent of DVDD and can be operated from 1.8 V to 3.3 V. This allows the
outputs to interface with digital ASICs requiring different supply voltages
General design practices should apply to the PCB to limit high-frequency transients and noise that are fed back
into the supply lines. This requires adequate bypassing of the supply pins. In the case of power supply
decoupling, 0.1-µF ceramic capacitors are sufficient to keep the impedance low over a wide frequency range.
Since their effectiveness depends largely on the proximity to the individual supply pin, all decoupling capacitors
should be placed as close as possible to the supply pins.
To reduce high-frequency and noise coupling, it is highly recommended to short the digital and analog grounds
immediately outside the package. This can be accomplished by running a low-impedance line under the package
between pins DVSS and AVSS.
It is recommended to keep the capacitive loading on the output data lines as low as possible (typically less than
15 pF). Larger capacitive loads demand higher charging-current surges, which can feed back into the analog
portion of the VSP1221 and affect its performance. If the data lines are long, it is advisable to use external
buffers or latches, which also provides the added benefit of isolating the VSP1221 from any digital noise that
may couple back. In addition, resistors in series with each data line helps in minimizing the surge current. Typical
resistor values are 40-50
Ω .
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com