Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1221
Description  12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1221 Datasheet(HTML) 1 Page - Texas Instruments

  VSP1221 Datasheet HTML 1Page - Texas Instruments VSP1221 Datasheet HTML 2Page - Texas Instruments VSP1221 Datasheet HTML 3Page - Texas Instruments VSP1221 Datasheet HTML 4Page - Texas Instruments VSP1221 Datasheet HTML 5Page - Texas Instruments VSP1221 Datasheet HTML 6Page - Texas Instruments VSP1221 Datasheet HTML 7Page - Texas Instruments VSP1221 Datasheet HTML 8Page - Texas Instruments VSP1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
PIN ASSIGNMENTS
APPLICATIONS
DESCRIPTION
14 15
DACO2
AVSS
DACO1
AVDD
TP2
PIN
DIN
TP1
CLREF
AVDD
AVSS
VSS
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
D0/SDO
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PACKAGE
(TOP VIEW)
VSP1221
SLES012A – SEPTEMBER 2001 – REVISED JULY 2004
12-BIT, 21-MSPS, ULTRALOW-POWER
CCD SIGNAL PROCESSOR
•
12-Bit, 21-MSPS, Analog-to-Digital
Converter
•
Low Power: 70 mW Minimum
Power-Down Mode: 4 mW
•
Low Input-Referred Noise: 75-dB
SNR Typical at 0-dB Gain
•
Novel Optical-Black (OB) Calibration
•
Low-Aperture Delay
•
Single 3-V Supply Operation
•
DNL: <
±0.5 LSB and
INL: <
±1.5 LSB Typical at 0-dB Gain
•
Programmable-Gain Range: 0 dB to 36 dB,
Gain Resolution of 0.05 dB/Step
•
48-Pin TQFP Package
•
Digital Still Camera
•
Digital Video Camera
The VSP1221 is a highly-integrated mixed-signal IC
used for signal conditioning and analog-to-digital
conversion at the output of a CCD array. The IC has
a correlated double sampler (CDS) and an analog
programmable-gain amplifier (PGA) stage followed by
an analog-to-digital converter (ADC) and a digital
PGA stage. The CDS is used to sample the CCD
signal and is followed by the analog PGA stage. The
ADC is a12-bit, 21-MSPS pipelined ADC. The digital
PGA provides further amplification.
Additionally, there is an offset calibration loop for
optical-black correction. The optical-black reference
level is user-programmable. The chip also has two
8-bit digital-to-analog converters (DAC) for external
analog settings.
The chip has a serial port for configuring internal
control registers.
The VSP1221 is available in a 48-pin TQFP package
and operates from a single 3-V power supply.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - VSP1221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP1221 TI1-VSP1221 Datasheet
627Kb / 6P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
VSP1221 TI2-VSP1221 Datasheet
307Kb / 7P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
REVISED JULY 2004
VSP1221PFB TI1-VSP1221PFB Datasheet
627Kb / 6P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
VSP1221PFB TI2-VSP1221PFB Datasheet
307Kb / 7P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
REVISED JULY 2004
VSP1221PFB.B TI2-VSP1221PFB.B Datasheet
307Kb / 7P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
REVISED JULY 2004
More results

Similar Description - VSP1221

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9844A AD-AD9844A Datasheet
169Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV.0
AD9845A AD-AD9845A Datasheet
252Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.A
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9816 AD-AD9816_15 Datasheet
187Kb / 16P
Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV. A
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
logo
Texas Instruments
VSP1221 TI1-VSP1221_14 Datasheet
627Kb / 6P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com