Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 3Page - STMicroelectronics STV9211 Datasheet HTML 4Page - STMicroelectronics STV9211 Datasheet HTML 5Page - STMicroelectronics STV9211 Datasheet HTML 6Page - STMicroelectronics STV9211 Datasheet HTML 7Page - STMicroelectronics STV9211 Datasheet HTML 8Page - STMicroelectronics STV9211 Datasheet HTML 9Page - STMicroelectronics STV9211 Datasheet HTML 10Page - STMicroelectronics STV9211 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7/37
STV9211
Functional description
2
FUNCTIONAL DESCRIPTION
2.1
RGB input, clamping function
The three RGB inputs have to be supplied with a video signal (maximum peak-to-peak value = 1V)
through coupling capacitors (100 nF typ.).
The RGB inputs include a clamping function using the input serial capacitor as “memory capacitor”.
To avoid the discharge of this capacitor during the line (due to leakage current), the input voltage is
referenced to the ground.
This clamping function is gated by the BPCP pulse (Black Porch Clamping Pulse) which is internally
generated (see
Figure 4). The Register 8 allows to choose the way to generate this BPCP
(see
Figure 3 and Figure 4).
Note 1: When BPCP is synchronized by BLK, the leading edge of the BLK must be selected to get a proper
synchronization.
Figure 3: BPCP selection of synchronization edge
- Synchronization:
HS or BLK signal (Register 8, bit0)
- Polarity:
Positive or negative (Automatic detection) when synchronized by HS
Positive or negative ( programmed via Register 9, bit 0) when
synchronized by BLK - see
Note 1
- Edge:
Trailing or Leading (Register 8, bit1)
- Width:
From 0.33µs to 1.33µs (Register 8, bit2 and bit3)
- Direct BPCP:
If the application provides the BPCP, one can program the direct
connection between Pin 19 and the internal BPCP (Register 8, bit4)
Synchronization
source
Edge selection
BPCP generation
HS
(R8, bit 0=0)
Trailing
(R8, bit 1=0)
HS (Pin 19)
Internal BPCP
Leading
(R8, bit 1=1)
HS (Pin 19)
Internal BPCP
BLK
(R8, bit 0=1)
Leading
(R8, bit 1=0)
BLK (Pin 20)
Internal BPCP
HS
(R8, bit 4=1)
_
HS (Pin 19)
Internal BPCP =HS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com