Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 13Page - STMicroelectronics STV9211 Datasheet HTML 14Page - STMicroelectronics STV9211 Datasheet HTML 15Page - STMicroelectronics STV9211 Datasheet HTML 16Page - STMicroelectronics STV9211 Datasheet HTML 17Page - STMicroelectronics STV9211 Datasheet HTML 18Page - STMicroelectronics STV9211 Datasheet HTML 19Page - STMicroelectronics STV9211 Datasheet HTML 20Page - STMicroelectronics STV9211 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
17/37
STV9211
Functional description
2.12
Preamplifier bandwidth adjustment (4 bits)
An advanced feature: preamplifier bandwidth adjustment (BW: Register 13, see I2C table 5), is
implemented on the STV9211.
The programming of this BW register is very important to get good video performances.
It must not be set its maximum value. With the following values, the optimum performances are
obtained.
For applications where rise/fall time <5.5ns, this feature offers several advantages:
q
Slew-rate: depending on the external capacitive load and on the peak-to-peak output voltage,
this adjustment avoids getting any slew-rate phenomenon.
q
Electromagnetic radiation (EMI): slowing down the signal of rise/fall time will decrease the EMI
without significantly deteriorating the rise/fall time of the CRT driver.
q
Video signal response: using this adjustment will allow to optimize the high frequency transient
phenomenons.
q
Picture boost mode: when displaying still pictures or moving video, having high video swing
can be of greater interest than rise/fall time. The preamplifier bandwidth adjustment can be
used to avoid any slew-rate phenomenon at the CRT driver output.
2.13
Amplifier bandwidth adjustment (7 bits)
The STV9211 can adjust the bandwidth of any ST video amplifier having a dedicated control pin
(CTL). The adjustment is done by I2C via Register 6 (see I2C table 2).
If not used, the AMPCTL pin must be connected to ground.
tR/tF
Preamplifier bandwidth register: BW
Binary
Decimal
5.5 ± 1 ns
1000
8
7.5 ± 1ns
0101
5
9.5 ± 1ns
0010
2
10 ns and below
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com