Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 18Page - STMicroelectronics STV9211 Datasheet HTML 19Page - STMicroelectronics STV9211 Datasheet HTML 20Page - STMicroelectronics STV9211 Datasheet HTML 21Page - STMicroelectronics STV9211 Datasheet HTML 22Page - STMicroelectronics STV9211 Datasheet HTML 23Page - STMicroelectronics STV9211 Datasheet HTML 24Page - STMicroelectronics STV9211 Datasheet HTML 25Page - STMicroelectronics STV9211 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
DC electrical characteristics
STV9211
22/37
5
DC ELECTRICAL CHARACTERISTICS
Tamb = 25°C, VCCA = 5V, VCCP = 8V, unless otherwise specified.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Units
SUPPLY
VCCA
Analog Supply Voltage
Pin 7
4.5
5
5.5
V
VCCP
Power Supply Voltage
Pin 17
4.5
8
8.8
V
VCCPS
Power Supply Voltage stand-by
threshold
Pin 17
2.5
3.0
3.5
V
ICCA
Analog Supply Current
VCCA = 5V
70
mA
ICCP
Power Supply Current
VCCP = 8V
55
mA
IS
Total Supply Current in stand-by mode
Pin 17 and pin 7
-
-
5
mA
INPUTS, OUTPUTS
VI
Video Input Voltage Amplitude
0.7
1
V
Vo
Output Voltage Range
0.5
Note 1
VCCP
-0.5V
V
VIL
VIH
Low Level Input Voltage
High Level Input Voltage
OSD, FBLK, BLK, HS
2.4
0.8
V
V
IIN
Input Current
OSD, FBLK, BLK
-1
1
µA
RHS
Input Resistor
HS
40
k
AMPCTL1
Amplifier standby threshold
Pin 4 @ Register 9, bit 7 = 1
and I4sink = 200µA
80
300
mV
AMPCTL2
Amplifier operating range
Pin 4@Register 9,bit 7 = 0
and I4sink = 200µA
Register 6, bit 4 to bit 7=0000
Register 6, bit 4 to bit 7=1111
0.7
4.5
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com