Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 21Page - STMicroelectronics STV9211 Datasheet HTML 22Page - STMicroelectronics STV9211 Datasheet HTML 23Page - STMicroelectronics STV9211 Datasheet HTML 24Page - STMicroelectronics STV9211 Datasheet HTML 25Page - STMicroelectronics STV9211 Datasheet HTML 26Page - STMicroelectronics STV9211 Datasheet HTML 27Page - STMicroelectronics STV9211 Datasheet HTML 28Page - STMicroelectronics STV9211 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
25/37
STV9211
I2C electrical characteristics
7I2C ELECTRICAL CHARACTERISTICS
Tamb =25°C, VCCA = 5V, VCCP= 8V, Vi = 0.7 VPP, CLOAD = 5pF
8I2C INTERFACE TIMING REQUIREMENTS
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Units
VIL
Low Level Input Voltage
On Pins SDA, SCL
1.5
V
VIH
High Level Input Voltage
3
V
IIN
Input Current (Pins SDA, SCL)
0.4 V
< V
IN < 4.5 V
-10
+10
µA
fSCL(Max.)
SCL Maximum Clock Frequency
0.25
200
kHz
VOL
Low Level Output Voltage
SDA Pin
when ACK Sink Current = 6mA
0.6
V
Symbol
Parameter
Min.
Typ.
Max.
Units
tBUF
Time the bus must be free between two accesses
1300
ns
tHDS
Hold Time for Start Condition
600
ns
tSUP
Set-up Time for Stop Condition
600
ns
tLOW
The Low Period of Clock
1300
ns
tHIGH
The High Period of Clock
600
ns
tHDAT
Hold Time Data
300
ns
tSUDAT
Set-up Time Data
250
ns
tR, tF
Rise and Fall Time of both SDA and SCL
20
ns
Figure 15: I2C timing diagram
tHDAT
tSUDAT
tLOW
tHIGH
tHDS
tSUP
tBUF
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com