Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 6Page - STMicroelectronics STV9211 Datasheet HTML 7Page - STMicroelectronics STV9211 Datasheet HTML 8Page - STMicroelectronics STV9211 Datasheet HTML 9Page - STMicroelectronics STV9211 Datasheet HTML 10Page - STMicroelectronics STV9211 Datasheet HTML 11Page - STMicroelectronics STV9211 Datasheet HTML 12Page - STMicroelectronics STV9211 Datasheet HTML 13Page - STMicroelectronics STV9211 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Functional description
STV9211
10/37
2.6
Drive adjustment (3 x 8 bits)
In order to perform the “White balance” adjustment, the gain of the three RGB signals are adjustable
separately via the three Drive amplifiers (Registers 3, 4 and 5, I2C table 1).
The very large range of the Drives (48 dB) allows different standards or custom color temperatures.
It can also be used to adjust the output voltages at the optimum amplitude to drive the CRT drivers,
keeping the whole contrast control for the end-user only.
Figure 6: Drive adjustment
Adjustment
Channel
each channel
Independantly
Register
name / address
Number step / resolution
min / max
Attenuation
DRV = min
D
RV
=m
ax
DR
V =
Typ
Drive
DRV / 03, 04, 05
256 (8 bit) / 0,19 dB
0 / - 48 dB
DRV = min
DR
V =
ma
x
DR
V =
Typ
Case #1: Brightness before Drive
Register 13, b6=0
Register 13, b6=1
BLK
Output
Output
Case #2: Brightness after Drive
Black levels
InfraBlack level
Black level
InfraBlack level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com