Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 24Page - STMicroelectronics STV9211 Datasheet HTML 25Page - STMicroelectronics STV9211 Datasheet HTML 26Page - STMicroelectronics STV9211 Datasheet HTML 27Page - STMicroelectronics STV9211 Datasheet HTML 28Page - STMicroelectronics STV9211 Datasheet HTML 29Page - STMicroelectronics STV9211 Datasheet HTML 30Page - STMicroelectronics STV9211 Datasheet HTML 31Page - STMicroelectronics STV9211 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
I2C register description
STV9211
28/37
Notes about I2C register description
Note: 1 For contrast & drive adjustment, code 00 (dec) and 255 (dec) are not allowed.
2 This register has to be set with the following values:
3 to set the device in soft blanking mode, it is necessary to program also Register 8, bit 6 = 1
Table 6: Preamplifier bandwidth adjustment (R13) - I2C table 5
b7
b6
b5
b4
b3
b2
b1
b0
Function
POR
value
11
11
130 MHz (
Note 2)
01
11
100 MHz (
Note 2)x
00
00
70 MHz(
Note 2)
0
0
Normal operation
x
01
Reserved
(test mode - BW DAC output connected to BLK input)
1
0
Reserved (test mode - BW DAC complementary output
connected to BLK input)
0
Brightness before drive
x
1
Brightness after drive
0
Preamplifier stand-by = OFF
x
1
Preamplifier stand-by = ON
Table 7: Cut-off range and offset selection (R14) - I2C table 6 - see
Figure 8
b7
b6
b5
b4
b3
b2
b1
b0
Function
POR
value
-
-
-
-
-
-
-
0
Infra-black range (IBR) = 1.8V
-
-
-
-
-
-
-
1
Infra-black range (IBR) = 1.3V
x
-
-
-
-
0
0
0
-
Infra-black offset (IB0)- Min. value = 0.4V @ IBL =0
-
-
-
-
1
0
0
-
Infra-black offset (IB0)- Typ. value = 1.3V @ IBL = 0
x
-
-
-
-
1
1
1
-
Infra-black offset (IB0)- Max. value = 2.2V@ IBL = 0
tR/tF
Preamplifier bandwidth register: BW
Binary
Decimal
5.5 ± 1 ns
1000
8
7.5 ± 1ns
0101
5
9.5 ± 1ns
0010
2
10 ns and below
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com