Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 1 Page - STMicroelectronics

  STV9211 Datasheet HTML 1Page - STMicroelectronics STV9211 Datasheet HTML 2Page - STMicroelectronics STV9211 Datasheet HTML 3Page - STMicroelectronics STV9211 Datasheet HTML 4Page - STMicroelectronics STV9211 Datasheet HTML 5Page - STMicroelectronics STV9211 Datasheet HTML 6Page - STMicroelectronics STV9211 Datasheet HTML 7Page - STMicroelectronics STV9211 Datasheet HTML 8Page - STMicroelectronics STV9211 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
September 2003
Version 4.1
1/37
STV9211
150 MHz PIXEL VIDEO CONTROLLER
FOR MONITORS IN DC-COUPLING MODE
®
FEATURES
q
150 MHz Pixel Rate
q
2.7 ns Rise and Fall Time
q
I2C Bus Controlled
q
Support DC Coupling Application only
q
Brightness Selection (after or before Drive)
q
Grey Scale Tracking Versus Brightness
q
InfraBlack Range Selection 1.3 or 1.8V
(i.e: 26 or 36V in kit with STV95xx amplifier)
q
InfraBlack Offset Selection 0.4 to 2.2V
(i.e: 115 to 80V in kit with STV95xx amplifiers)
q
OSD Mixing
q
Beam Current Attenuation (ABL)
q
Pedestral Clamping on Output Stage
q
Possibility of Light or Dark Grey OSD
Background
q
OSD Contrast Control
q
Input Black Level Clamping with Built-in
Clamping Pulse
q
5 V to 8 V Power Supply
q
Perfectly matched with the STV95xx ST
Amplifier Family
q
Preamplifier Control (bandwidth and stand-by)
q
Amplifier Control (bandwidth and stand-by),
only applicable to amplifiers with CTL pin or
STDBY pins.
DESCRIPTION
The STV9211 is an I2C Bus controlled RGB pre-
amplifier designed for Monitor applications, able to
mix the RGB signals coming from any OSD device.
The usual Contrast, Brightness, Drive and Cut-Off
(InfraBlack) Controls are provided.
In addition, it includes the following features:
- High resolution cut-off (InfraBlack) adjustment,
- OSD contrast,
- Bandwidth and stand-by control,
- Brightness before/after Drive Selection.
The RGB incoming signals are amplified and
shaped to drive in DC coupling the video amplifier
without intermediate follower stages.
One of the main advantages of ST devices is their
ability to sink and source currents.
These driving capabilities combined with an original
output stage structure suppress any static current
on the output pins and therefore reduce
dramatically the power dissipation of the device.
Extensive integration combined with high
performance and advanced features make the
STV9211 one of the best choice for any CRT
monitor.
Perfectly matched with the ST video amplifiers
STV95xx, they offer a complete solution for high
performance and cost-optimized Video Board
Application.
DIP20
(Plastic Package)
ORDER CODE: STV9211


Similar Part No. - STV9211

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9211 STMICROELECTRONICS-STV9211 Datasheet
444Kb / 24P
12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Feb-2002
More results

Similar Description - STV9211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
150 MHz video controller with I2C-bus
1997 Nov 25
logo
STMicroelectronics
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
Mar-2000
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
Mar-2000
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
206Kb / 19P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
Mar-2000
TDA9511 STMICROELECTRONICS-TDA9511 Datasheet
52Kb / 5P
DC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
Apr-1998
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
RGB Video Amplifier System for Monitors
logo
Micronas
VPX3226E MICRONAS-VPX3226E Datasheet
616Kb / 92P
Video Pixel Decoders
VPX322XE MICRONAS-VPX322XE Datasheet
567Kb / 92P
Video Pixel Decoders
logo
List of Unclassifed Man...
VPX3220A ETC-VPX3220A Datasheet
752Kb / 80P
Video Pixel Decoders
VPX3225D ETC-VPX3225D Datasheet
672Kb / 92P
Video Pixel Decoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com