Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 4Page - STMicroelectronics STV9211 Datasheet HTML 5Page - STMicroelectronics STV9211 Datasheet HTML 6Page - STMicroelectronics STV9211 Datasheet HTML 7Page - STMicroelectronics STV9211 Datasheet HTML 8Page - STMicroelectronics STV9211 Datasheet HTML 9Page - STMicroelectronics STV9211 Datasheet HTML 10Page - STMicroelectronics STV9211 Datasheet HTML 11Page - STMicroelectronics STV9211 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Functional description
STV9211
8/37
2.2
Fast blanking input
The fast blanking pin (FBLK) is TTL compatible. When it is at high level, the input signal is blanked
and replaced by OSD insets defined by binary levels on three OSD inputs and a dedicated OSD
contrast adjustment stage.
2.3
Blanking input
The blanking input BLK is TTL compatible. The active level is either high (positive pulse polarity) or
low (negative pulse polarity). When the level is active, the RGB outputs are at infra-black level,
regardless of the input level. The pulse on the BLK input defines the timing of the internal OCL
signal and it can also define the timing of the internal BPCP pulse. See
Figure 4, Figure 11 and
Chapter 9: I2C register description .
Figure 4: BPCP and OCL generation
Edge
1
Selection
HS
Automatic
Polarity
Pulse
Generation
Polarity
Selection
Pulse
Generation
20
BLK
External
External
BPCP
Internal
OCL
Internal
BLK Polarity
Selection: R9-bit0
Source Selection
HS Edge Selection
Width Selection
BPCP Source Selection
OCL source
Selection: R8-bit7
R8-bit1
R8-bit4
R8-bit2 & bit3
R8-bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com