Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 10Page - STMicroelectronics STV9211 Datasheet HTML 11Page - STMicroelectronics STV9211 Datasheet HTML 12Page - STMicroelectronics STV9211 Datasheet HTML 13Page - STMicroelectronics STV9211 Datasheet HTML 14Page - STMicroelectronics STV9211 Datasheet HTML 15Page - STMicroelectronics STV9211 Datasheet HTML 16Page - STMicroelectronics STV9211 Datasheet HTML 17Page - STMicroelectronics STV9211 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Functional description
STV9211
14/37
2.9
ABL Control
The STV9211 includes an ABL (automatic beam limitation) input to attenuate the RGB Video
signals depending on the beam intensity.
The operating range is 2 V (from 3 V to 1 V). A typical 15 dB maximum attenuation is applied to the
output signal whatever the contrast adjustment is. (See
Figure 9).
When not used, the ABL input (Pin 2) must be connected to a 5 V supply voltage.
2.10
OSD
Principle
The STV9211 allows to mix the OSD signals into the RGB main picture. The four pins dedicated to
this function are the following:
q
Three TTL RGB inputs (Pins 8, 9, 10) connected to the three outputs of the corresponding
OSD processor.
q
One TTL fast blanking input (Pin 11) also connected to the FBLK output of the OSD processor.
When a high level is present on the FBLK, the IC acts as follows:
q
The three main picture RGB input signals (IN1, IN2, IN3) are internally switched to an internal
clamp reference voltage.
q
The three output signals (OUT1, OUT2, OUT3) are set to the voltage corresponding to the
three OSD input logic states (0 or 1). (See
Figure 2: Block diagram).
Output level
If the OSD input is set to 0, the output is set to the black level (see
Figure 10).
If the OSD input is at high level, the output voltage is set to: black-level + VOSD, where VOSD is the
I2C bus-controlled voltage, adjustable between 0 V to 4.9 V by 306 mV steps via Register 7 (4 bits).
The same variation is applied simultaneously to the three channels providing the OSD contrast.
Figure 9: ABL attenuation range
5
0
-2
-4
-6
-8
-10
-12
-14
-16
Attenuation (dB)
0
V
ABL (V)
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com