Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 23Page - STMicroelectronics STV9211 Datasheet HTML 24Page - STMicroelectronics STV9211 Datasheet HTML 25Page - STMicroelectronics STV9211 Datasheet HTML 26Page - STMicroelectronics STV9211 Datasheet HTML 27Page - STMicroelectronics STV9211 Datasheet HTML 28Page - STMicroelectronics STV9211 Datasheet HTML 29Page - STMicroelectronics STV9211 Datasheet HTML 30Page - STMicroelectronics STV9211 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
27/37
STV9211
I2C register description
Table 4: BPCP & OCL register (R8) - I2C table 3
b7
b6
b5
b4
b3
b2
b1
b0
Function
POR
value
0
0
0
Internal BPCP triggered by HS (trailing edge)
x
0
1
0
Internal BPCP triggered by HS (leading edge)
0
0
1
Internal BPCP synchronized by BLK (leading edge)
x
0
1
1
Internal BPCP synchronized by BLK (trailing edge)
0
0
0
Internal BPCP Width = 0.33 µs
0
0
1
Internal BPCP Width = 0.66 µs
x
0
1
0
Internal BPCP Width = 1 µs
0
1
1
Internal BPCP Width = 1.33 µs
1
Internal BPCP = BPCP input
0
Normal Operation
x
1
Reserved (Force BPCP to 1 in test)
0
Normal Operation
x
1
Reserved (Force OCL to 1 in test)
0
Internal OCL pulse triggered by BLK
x
1
Internal OCL pulse = Internal BPCP
Table 5: Miscellaneous register (R9) - I2C table 4
b7
b6
b5
b4
b3
b2
b1
b0
Function
POR
value
0
Positive Blanking Polarity
x
1
Negative Blanking Polarity
0
Soft Blanking = OFF
x
1
Soft Blanking = ON (
Note 3)
0
Reserved (Test mode, very low bandwidth)
1
Normal operation
x
0
0
Light Grey on OSD Outputs = OFF
x
0
1
Light Grey on OSD Outputs = ON
0
0
Dark Grey on OSD Outputs = OFF
x
1
0
Dark Grey on OSD Outputs = ON
0
Amplifier stand-by = OFF
x
1
Amplifier stand-by = ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com