Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 5 Page - STMicroelectronics

  STV9211 Datasheet HTML 1Page - STMicroelectronics STV9211 Datasheet HTML 2Page - STMicroelectronics STV9211 Datasheet HTML 3Page - STMicroelectronics STV9211 Datasheet HTML 4Page - STMicroelectronics STV9211 Datasheet HTML 5Page - STMicroelectronics STV9211 Datasheet HTML 6Page - STMicroelectronics STV9211 Datasheet HTML 7Page - STMicroelectronics STV9211 Datasheet HTML 8Page - STMicroelectronics STV9211 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5/37
STV9211
Pin connection, pin description
1
PIN CONNECTION, PIN DESCRIPTION
1.1
Pin connection
1.2
Pin description
Figure 1: STV9211 pin connection
Pin number
symbol
description
1
IN1
Video input (channel 1, red)
2
ABL
ABL input
3
IN2
Video input (channel 2, green)
4
AMPCTL
Amplifier control (bandwidth and stand-by). Only applicable with
amplifiers with the CTL or STDBY pins.
To be connected to ground if not used.
5
IN3
Video input (channel 3, blue)
6
GNDA
Analog ground
7VCCA
Analog supply (5V)
8
OSD1
OSD input (channel 1, red)
9
OSD2
OSD input (channel 2, green)
10
OSD3
OSD input (channel 3, blue)
11
FBLK
Fast blanking
12
SCL
SCL
13
SDA
SDA
14
OUT3
Video output (channel 3, blue)
15
GNDP
Power ground
16
OUT2
Video output (channel 2, green)
17
VCCP
Output stage supply (5 V to 8 V)
18
OUT1
Video output (channel 1, red)
19
HS
Horizontal synchro or BPCP pulse
20
BLK
Blanking input
BLK
IN1
ABL
IN2
AMPCTL
IN3
GNDA
VCCA
OSD1
OSD2
OSD3
FBLK
HS
OUT1
VCCP
OUT2
GNDP
OUT3
SDA
SCL
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com