Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 22Page - STMicroelectronics STV9211 Datasheet HTML 23Page - STMicroelectronics STV9211 Datasheet HTML 24Page - STMicroelectronics STV9211 Datasheet HTML 25Page - STMicroelectronics STV9211 Datasheet HTML 26Page - STMicroelectronics STV9211 Datasheet HTML 27Page - STMicroelectronics STV9211 Datasheet HTML 28Page - STMicroelectronics STV9211 Datasheet HTML 29Page - STMicroelectronics STV9211 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
I2C register description
STV9211
26/37
9I2C REGISTER DESCRIPTION
.
Table 2: Register sub-addressed - I2C table 1
Sub-address
Register Names
POR Value
Max. Value
Hex
Dec
Hex
Dec
Hex
Dec
01
01
Contrast (CRT) -
Note 1
8-bit DAC
B4
180
FE
254
02
02
Brightness (BRT)
8-bit DAC
B4
180
FF
255
03
03
Drive 1 (DRV) -
Note 1
8-bit DAC
B4
180
FE
254
04
04
Drive 2 (DRV) -
Note 1
8-bit DAC
B4
180
FE
254
05
05
Drive 3 (DRV) -
Note 1
8-bit DAC
B4
180
FE
254
06
06
Amplifier control
refer to I2C table 2
99
153
-
-
07
07
OSD Contrast (OSD)
4-bit DAC
09
09
0F
15
08
08
BPCP & OCL
Refer to I2C table 3
04
04
09
09
Miscellaneous
Refer to I2C table 4
1C
28
0A
10
Out 1- Infra-black level: IBL1
8-bit DAC
B4
180
FF
255
0B
11
Out 2- Infra-black level: IBL2
8-bit DAC
B4
180
FF
255
0C
12
Out 3- Infra-black level: IBL3
8-bit DAC
B4
180
FF
255
0D
13
Preamplifier Bandwidth
Adjustment (BW) -
Note 2
4-bit DAC -
I2C table 5
07
07
0F
15
0E
14
InfraBlack range and offset
selection
Refer to I2C table 6
Table 3: Amplifier bandwidth adjustment register (R6) - I2C table 2
b7
b6
b5
b4
b3
b2
b1
b0
Function
POR
value
00
000
00
0Min. amplifier bandwidth
1
0
0
1
0
0
0
0
Typ. amplifier bandwidth
x
11
110
00
0Max. amplifier bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com