Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 26Page - STMicroelectronics STV9211 Datasheet HTML 27Page - STMicroelectronics STV9211 Datasheet HTML 28Page - STMicroelectronics STV9211 Datasheet HTML 29Page - STMicroelectronics STV9211 Datasheet HTML 30Page - STMicroelectronics STV9211 Datasheet HTML 31Page - STMicroelectronics STV9211 Datasheet HTML 32Page - STMicroelectronics STV9211 Datasheet HTML 33Page - STMicroelectronics STV9211 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
STV9211 + STV9556/55/53 applications hints
STV9211
30/37
Step 3
Adjustment of the InfraBlack level register IBL (Register 10, 11, 12. See I²C table 1).
These three 8 bit- registers adjust separately the infra-black level of the 3 outputs with a high
resolution (100mV at 26V range or 140mV at 36V range).
Figure 16: STV9211 and STV95xx - Cut-off adjustment
IBR
0
1.8V
DVib-P
GND
1
Vib-P
Vib-P (@IBR=1)
IBL
0
255
2,22
0.92
0.66
0.40
1.3V
IB0=
000
IB0=
001
IB0=
010
IB0=
111
VDD
Vib-A
OUT
Amplifier
STV95xx
* G=20
* Vref=5.6V
PreAmplifier
STV9211
IN
DVib-A
1.3V
36V
26V
IBO
000
0.40V
Vib-P
001
Vib-A
0.66V
110V
105V
010
---
111
0.92V
100V
2.22V
75V
---
---
Vib-A (@IBR=1)
IBL
0
255
110V
105V
100V
75V
26V
IB0=000
IB0=001
IB0=010
IB0=111
Vib-P (@IBO=000)
IBL
0
255
2,20
1.70
0.40
1.3V
IBR=
1
1.8V
IBR=
0
Vib-A (@IBO=000)
IBL
110V
84V
74V
26V
IBR=
1
36V
IBR
=0
0
255
InfraBlack Range: IBR
InfraBlack Offset: IBO
Black
InfraBlack
Black
InfraBlack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com