Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 8Page - STMicroelectronics STV9211 Datasheet HTML 9Page - STMicroelectronics STV9211 Datasheet HTML 10Page - STMicroelectronics STV9211 Datasheet HTML 11Page - STMicroelectronics STV9211 Datasheet HTML 12Page - STMicroelectronics STV9211 Datasheet HTML 13Page - STMicroelectronics STV9211 Datasheet HTML 14Page - STMicroelectronics STV9211 Datasheet HTML 15Page - STMicroelectronics STV9211 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Functional description
STV9211
12/37
2.8
Cut-off adjustment, Infra-black level (Vib) (3x8 bits)
The Infra-black level (Vib) is the output voltage during the blanking time (BLK). This level is sampled
after each line (sample - and - hold block) during an internal pulse (OCL) which is generated during
the blanking pulse (see
Figure 4).
The STV9211 allows to adjust independantly the cut-off levels of the 3 video outputs with a high
resolution. This is done via 3 registers (IBR, IBO and IBL) programming respectively:
q
the range: 1.3 or 1.8V (i.e: 26 or 36V in kit with the STV95xx amplifiers)
q
the offset (to keep the video signal inside thelinear area)
q
the level.
Infra-black range register (IBR: Register 14, bit 0. See I²C table 6)
This register must be selected first, either to 1.3V to get a 26V Cut-off adjustment range with the
STV95xx amplifier or to 1.8V to get a 36V range (see
Figure 8 )
Infra-black offset register (IBO: Register 14, bit 1, 2 & 3. See I²C table 6)
This register select the Vib offset. It allows to keep the video signal inside the linearity area of
the amplifier.
The value of this register depends on the amplifier high voltage supply (Vdd).
In kit with the STV95xx amplifier family, we recommend the following programming:
Example:
For Vdd=101V +/-5% and Brightness before Drive, IBO must be set to 100.
Infra-black level register (IBL: Register 10, 11, 12. See I²C table 1)
These three 8 bit- registers adjust independantly the infra-black level of the 3 outputs with a high
resolution (typically 100mV at 26V range or 140mV at 36V range).
Table 1: Setting of the infra-black offset register (IBO)
Vdd (±5%)
Case 1:
Brightness before Drive
Case 2:
Brightness after Drive
Binary
Decimal
Binary
Decimal
112 to 115V
001
1
011
3
107 to 111V
010
2
100
4
102 to 106V
011
3
101
5
97 to 101V
100
4
110
6
92 to 96V
101
5
111
7
88 to 91
110
6
111
7
87 and below
111
7
111
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com