Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 19Page - STMicroelectronics STV9211 Datasheet HTML 20Page - STMicroelectronics STV9211 Datasheet HTML 21Page - STMicroelectronics STV9211 Datasheet HTML 22Page - STMicroelectronics STV9211 Datasheet HTML 23Page - STMicroelectronics STV9211 Datasheet HTML 24Page - STMicroelectronics STV9211 Datasheet HTML 25Page - STMicroelectronics STV9211 Datasheet HTML 26Page - STMicroelectronics STV9211 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
23/37
STV9211
AC electrical characteristics
6
AC ELECTRICAL CHARACTERISTICS
Tamb =25°C, VCCA = 5V, VCCP= 8V, Vi = 0.7 VPP , CLOAD = 5pF
RS = 100, serial between output pin and CLOAD, unless otherwise specified.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Units
VIDEO OUTPUT SIGNAL (pins 14, 16, 18) - CONTRAST AND DRIVE
G
Maximum gain
Max Contrast and Drive
(CRT = DRV = 254 dec)
16
dB
VOM
Maximum video output voltage
(
Note 1)
Max Contrast and Drive
(CRT = DRV = 254 dec)
4.4
V
VON
Nominal video output voltage
Contrast and Drive at POR
(CRT = DRV = 180 dec)
2.2
V
CAR
Contrast attenuation range
From max. Contrast (CRT=254 dec)
to min. Contrast (CRT = 1 dec)
48
dB
DAR
Drive attenuation range
From Max. Drive (DRV = 254 dec)
to min. Drive (DRV = 1 dec)
48
dB
GM
Gain matching (
Note 3)
Contrast and Drive at POR
±
0.1
dB
VIDEO OUTPUT SIGNAL (pins 14, 16, 18) - BRIGHTNESS
BRTmax
Maximum brightness level
Max. Brightness (BRT = 255 dec)
and Max. Drive (DRV = 254 dec)
2V
BRT min
Minimum brightness level
Min. Brightness (BRT = 0 dec)
and Max. Drive (DRV = 254 dec)
0V
VIP
Insertion pulse
(
Note 4)0.4
V
BRTM
Brightness matching (
Note 3)
Brightness and Drive at POR
±
10
mV
VIDEO OUTPUT SIGNAL - OSD
VOSDmax
VOSD min
Maximum OSD output level
Minimum OSD output level
Max. Drive (DRV = 254 dec)
Max. OSD (OSD = 15 dec)
Min. OSD (OSD = 0 dec)
4.9
0
V
V
VIDEO OUTPUT SIGNAL - INFRA BLACK LEVEL (
Figure 8)
Vib0 max
Vib0 min
Maximum infrablack level
Minimum infrablack level
IBR=0 and IBL=0
Max. Vib (IBL = 255 dec)
Min. Vib (IBL = 0 dec)
2.2
0.4
V
V
Vib1 max
Vib1 min.
Maximum infrablack level
Minimum infrablack level
IBR=1 and IBL=0
Max. Vib (IBL = 255 dec)
Min. Vib (IBL = 0 dec)
1.7
0.4
V
V
Vib step 0
Infrablack level step
IBR=0 (
Note 5)7
mV
Vib step 1
Infrablack level step
IBR=1 (
Note 5)5
mV
ABL (Pin 2)
GABLmin
GABL max
ABL mini attenuation
ABL maxi attenuation
VABL 3.2 V
VABL = 1 V
0
15
dB
dB
VABL
ABL threshold voltage
For output attenuation
3
V
IABL high
IABLl ow
High ABL input current
Low ABL input current
VABL = 3.2V
VABL = 1V
0
-2
µA
µA
VIDEO OUTPUT SIGNAL - DYNAMIC PERFORMANCES (
Figure 9)
tR, tF
Rise Time, Fall Time (
Note 6)VOUT = 2 VPP (BW = 15 dec)
VOUT = 2 VPP (BW = 0 dec)
2.7
5
ns
BW
Large Signal Bandwidth
VOUT = 2 VPP
130
MHz
BW
Bandwidth Adjustment Range
VOUT = 2 VPP
Minimum bandwidth (BW = 0 dec)
Maximum bandwidth (BW =15 dec)
70
130
MHz
MHz
CT
Crosstalk between Video Outputs
VOUT = 2 VPP@ f = 10 MHz
@ f = 50 MHz
60
35
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com