Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 22Page - Infineon Technologies AG TLE8080EM Datasheet HTML 23Page - Infineon Technologies AG TLE8080EM Datasheet HTML 24Page - Infineon Technologies AG TLE8080EM Datasheet HTML 25Page - Infineon Technologies AG TLE8080EM Datasheet HTML 26Page - Infineon Technologies AG TLE8080EM Datasheet HTML 27Page - Infineon Technologies AG TLE8080EM Datasheet HTML 28Page - Infineon Technologies AG TLE8080EM Datasheet HTML 29Page - Infineon Technologies AG TLE8080EM Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Data Sheet
26
Rev. 1.1, 2012-10-19
TLE8080EM
Serial Peripheral Interface (SPI)
8.2.1
SPI Register
Overview
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R/W
AD1
AD0
Field
Bits
Type
Description
AD1:AD0]
[14:13]
w
Address Bits:
00B Control Register
01B Diagnosis Register
10B Status Register
R/W
15
w
Read - Write Bit:
0B Read Access
1B Write Access
CMD Register
Command Register (Identifier x00x xxxx xxxx xxxxB)Reset Value: 0H
15
14
13
12
11
10
9
8
7
654321
0
R/W
AD1
AD0 VR_T1 VR_T0 VR_L1 VR_L0
CTR5 CTR4 CTR2
rw
rw
rw
rw
rw
rw
rw
Field
Bits
Type
Description
CTR2
0rw
Control Bit Channel 2:
0B Channel 2 is switched off (Reset State)
1B Channel 2 is switched on
CTR4
1rw
Control Bit Channel 4:
0B Channel 4 is switched off (Reset State)
1B Channel 4 is switched on
CTR5
2rw
Control Bit Channel 5:
0B Channel 5 is switched off (Reset State)
1B Channel 5 is switched on
VR_L1: VR_L0
[10:9]
rw
Load Register of VR Interface:
( c.f. VR Sensor Interface Load Selection )
00B RLoad = 75kΩ (Reset State)
01B RLoad = 4.5kΩ
10B RLoad = 2.2kΩ
11B RLoad = 1.2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com