Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 9Page - Infineon Technologies AG TLE8080EM Datasheet HTML 10Page - Infineon Technologies AG TLE8080EM Datasheet HTML 11Page - Infineon Technologies AG TLE8080EM Datasheet HTML 12Page - Infineon Technologies AG TLE8080EM Datasheet HTML 13Page - Infineon Technologies AG TLE8080EM Datasheet HTML 14Page - Infineon Technologies AG TLE8080EM Datasheet HTML 15Page - Infineon Technologies AG TLE8080EM Datasheet HTML 16Page - Infineon Technologies AG TLE8080EM Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
TLE8080EM
5V Supply, Reset and Supervision
Data Sheet
13
Rev. 1.1, 2012-10-19
Power On Reset
Power On Reset Delay Time
t
RD
10
15
20
ms
only at version
TLE8080EM
5.4.1
30
40
50
ms
only at version
TLE8080-2EM
5.4.2
Reset Reaction Time
t
RR
10
15
20
μs
5.4.3
Reset Output NRO
Low Level Output Voltage
V
NRO,L
––
1.1
V
I
NRO = 1mA
5.5.1
Watchdog
Watchdog Period
t
WP
50
60
70
ms
5.6.1
Watchdog Reset Time
t
WR
120
240
360
μs5.6.2
Input Characteristics WD_DIS
Low Level Input Voltage
V
WD_DIS,L
––
1V
5.7.1
High Level Input Voltage
V
WD_DIS,H
2–
–V
5.7.2
Pull Down Current
I
WD_DIS,pd
20
50
100
μAat V
IN= 5V
5.7.3
Pull Down Current
I
WD_DIS,pd
2.4
–
–
μAat V
IN= 0.6V
5.7.4
Hysteresis
V
WD_DIS,Hys
30
250
mV
5.7.5
1) Not subject to production test, specified by design
Table 4
Electrical Characteristics: 5V Supply, Reset and Supervision (cont’d)
VS=13.5V, Tj= -40°C to +150°C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com