Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 31Page - Infineon Technologies AG TLE8080EM Datasheet HTML 32Page - Infineon Technologies AG TLE8080EM Datasheet HTML 33Page - Infineon Technologies AG TLE8080EM Datasheet HTML 34Page - Infineon Technologies AG TLE8080EM Datasheet HTML 35Page - Infineon Technologies AG TLE8080EM Datasheet HTML 36Page - Infineon Technologies AG TLE8080EM Datasheet HTML 37Page - Infineon Technologies AG TLE8080EM Datasheet HTML 38Page - Infineon Technologies AG TLE8080EM Datasheet HTML 39Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Data Sheet
34
Rev. 1.1, 2012-10-19
TLE8080EM
K-Line
9.2
Electrical Characteristics K-Line
Table 9
Electrical Characteristics: K-Line
VS=13.5V, Tj= -40°C to +150°C: All voltages with respect to ground.
Positive current flowing into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Output RX
Low Level Output Voltage
V
RX,L
––
0,4
V
I
RX = 100μA9.1.1
High Level Output Voltage
V
RX,H
V5DD-
0.4
––
V
I
RX = -100μA9.1.2
Input TX
Low Level Input Voltage
V
TX,L
––
1V
9.2.1
High Level Input Voltage
V
TX,H
3.2
–
–
V
9.2.2
Hysteresis
V
TX,Hys
280
500
700
mV
9.2.3
Pull Up Current
I
PU_L
-70
-100
-150
μAat V
TX = 0V
9.2.4
Pull Up Current
I
PU_L
-30
–
–
μAat V
TX = VV5DD -
0.6V
9.2.5
K-Line Bus Driver Input/Output KIO
Low Level Output Voltage
V
KIO,O,L
–
–
1.4
V
TX = low,
RKIO=480Ω
9.3.1
Current Limitation
I
KIO(lim)
40
–
140
mA
9.3.2
Low Level Input Voltage
V
KIO,I,L
–
–
0.4*VS V9.3.3
High Level Input Voltage
V
KIO,I,H
0.6*VS ––
V
9.3.4
Hysteresis
V
KIO,I,Hys
0.02
*VS
–
0.175
*VS
V9.3.5
Pull Down Current
IKIO,pd
510
15
μA
9.3.6
Transfer Characteristics
CRX = 25pF; RKIO = 540Ω; CKIO ≤ 1.3nF
Receive Frequency
f
KIO,rec
––
500
kHz
CKIO = 0pF
9.4.1
Transmit Frequency
f
KIO,tran
–
–
100
kHz
9.4.2
Delay Time KIO -> RX rising
edge1)
1) For definition see Figure 18
t
drR
0.05
–
0.5
μsC
RX,load = 1.6pF
9.4.3
Delay Time KIO -> RX falling
edge1)
t
dfR
0.05
–
0.5
μsC
RX,load = 1.6pF
9.4.4
Delay Time TX -> KIO rising
edge1)2)
2) Not subject of production test, behavior defined by external devices
t
drT
0.05
–
0.5
μsC
KIO,load = 1.6pF
9.4.5
Delay Time TX -> KIO falling
edge1)
t
dfT
0.05
–
0.5
μsC
KIO,load = 1.6pF
9.4.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com