Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 28Page - Infineon Technologies AG TLE8080EM Datasheet HTML 29Page - Infineon Technologies AG TLE8080EM Datasheet HTML 30Page - Infineon Technologies AG TLE8080EM Datasheet HTML 31Page - Infineon Technologies AG TLE8080EM Datasheet HTML 32Page - Infineon Technologies AG TLE8080EM Datasheet HTML 33Page - Infineon Technologies AG TLE8080EM Datasheet HTML 34Page - Infineon Technologies AG TLE8080EM Datasheet HTML 35Page - Infineon Technologies AG TLE8080EM Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Data Sheet
32
Rev. 1.1, 2012-10-19
TLE8080EM
Serial Peripheral Interface (SPI)
8.3
Electrical Characteristics SPI
Table 8
Electrical Characteristics: SPI
VS=13.5V, Tj= -40°C to +150°C: All voltages with respect to ground.
Positive current flowing into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Input Characteristics (CSN, SCLK, SI):
Low Level Input Voltage
V
x,L
––
1V
8.1.1
High Level Input Voltage
V
x,H
2–
–V
8.1.2
Hysteresis
V
x,Hys
50
250
mV
Pull Up Current CSN
I
x,pu
-25
-50
-100
μAat V
IN = 0V
8.1.3
Pull Up Current CSN
I
x.pu
-25
–
–
μAat V
IN = VV5DD -
0.6V
8.1.4
Pull Down Current SCLK, SI
I
x,pu
20
50
100
μAat V
IN = VV5DD
8.1.5
Pull Down Current SCLK, SI
I
x.pu
2.4
–
–
μAat V
IN = 0.6V
8.1.6
Output Characteristics (SO):
Low Level Output Voltage
V
So,L
––
0.4
V
I
x = 100μA
8.2.1
High Level Output Voltage
V
SO,H
V5DD-
0.4
––
V
I
x = -100μA
8.2.2
Output High Impedance
Leakage Current
I
SO,TRI
-3
–
3
μA0V < V
SO < 5V
8.2.3
Timings:
Lead Time
t
1
210
–
–
ns
CSN falling to
SCLK rising
8.3.1
Lag Time
t
2
75
–
–
ns
SCLK falling to
CSN rising
8.3.2
CSN High Time
t
3
550
–
–
ns
CSN rising to
CSN falling
8.3.3
Period of SCLK
t
4
200
–
–
ns
8.3.4
SCLK to CSN Set Up Time
t
5
10
–
–
ns
SCLK falling to
CSN falling
8.3.5
SCLK Low Time
t
7
60
–
–
ns
8.3.6
CSN to SCLK Hold Time
t
8
15
–
–
ns
CSN rising to
SCLK rising
8.3.7
SI Set Up Time
t
9
30
–
–
ns
SI set up time to
SCLK falling
8.3.8
SI Hold Up Time
t
10
30
–
–
ns
SI holdup time
after SCLK falling
8.3.9
SO Enable Time
t
11
–
–
165
ns
CSN falling to SO
active
8.3.10
SO Valid Time
t
12
–
–
120
ns
SO data valid
after SCLK rising
8.3.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com