Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 14Page - Infineon Technologies AG TLE8080EM Datasheet HTML 15Page - Infineon Technologies AG TLE8080EM Datasheet HTML 16Page - Infineon Technologies AG TLE8080EM Datasheet HTML 17Page - Infineon Technologies AG TLE8080EM Datasheet HTML 18Page - Infineon Technologies AG TLE8080EM Datasheet HTML 19Page - Infineon Technologies AG TLE8080EM Datasheet HTML 20Page - Infineon Technologies AG TLE8080EM Datasheet HTML 21Page - Infineon Technologies AG TLE8080EM Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Data Sheet
18
Rev. 1.1, 2012-10-19
TLE8080EM
Power Stages
Figure 7
Timing Low Side Switches Channel 1 and 3
Turn On Time
t
s,ON
–0.1
0.8
μs
V
OUTx = 13.5V
I
OUTx = 0.3A,
resistive load1)
6.3.12
Turn Off Time
t
s,OFF
–0.1
0.8
μs
V
OUTx = 13.5V
I
OUTx = 0.3A,
resistive load1)
6.3.13
Output Leakage Current in
Off Mode
I
OUTx_off
––
2
μA
V
OUTx = 13.5V
T
j = 150°C
2)
6.3.14
Input Characteristic IN1 and IN3
Low Level Input Voltage
V
IN,L
––
1V
6.4.1
High Level Input Voltage
V
IN,H
2–
–V
6.4.2
Input Voltage Hysteresis
V
IN,Hys
50
110
250
mV
6.4.3
Pull Down Current
I
IN,PD
20
50
100
μA
V
IN = 5V
6.4.4
Pull Down Current
I
IN,PD
2.4
–
–
μA
V
IN = 0.6V
6.4.5
1)definition of timing see Figure 7 or Figure 8
2) in OFF mode open load diagnosis pull down current active
Table 6
Electrical Characteristics: Power Stage (cont’d)
VS=13.5V, Tj= -40°C to +150°C: All voltages with respect to ground.
Positive current flowing into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
t
t
VINx
V
OUTx
VBATT
80%
20%
td,ON
ts,ON
td,OFF
ts,OFF
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com