Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 24Page - Infineon Technologies AG TLE8080EM Datasheet HTML 25Page - Infineon Technologies AG TLE8080EM Datasheet HTML 26Page - Infineon Technologies AG TLE8080EM Datasheet HTML 27Page - Infineon Technologies AG TLE8080EM Datasheet HTML 28Page - Infineon Technologies AG TLE8080EM Datasheet HTML 29Page - Infineon Technologies AG TLE8080EM Datasheet HTML 30Page - Infineon Technologies AG TLE8080EM Datasheet HTML 31Page - Infineon Technologies AG TLE8080EM Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Data Sheet
28
Rev. 1.1, 2012-10-19
TLE8080EM
Serial Peripheral Interface (SPI)
8.2.2
Set and Reset of Diagnosis Register Bits
Set of the over current diagnosis bits of channels 1, 3, 4 and 5:
The over current diagnosis bits of channels 1, 3, 4 and 5 are set asynchronously of the internal clock with the
output signal of the detection circuit (details see Chapter 6.1).
CH5_OL
10
r
Open Load Diagnosis Bit of Channel 5:
0B no open load in off detected (Reset State)
1B open load in off detected
CH5_OC
11
r
Over Current Diagnosis Bit of Channel 5:
0B no over current detected (Reset State)
1B over current detected
CH45_OT
12
r
Over Temperature Diagnosis Bit of Channel 4 and 5:
0B no over temperature detected (Reset State)
1B over temperature detected
Stat Register
Status Register (Identifier x10x xxxx xxxx xxxxB)Reset Value: 0H
15
14
13
12
11
10
98
7
6
5
4
3210
R/W
AD1
AD0 WD_DIS WD_TO
ST5
ST4
ST3
ST2
ST1
r
r
rrrrr
Field
Bits
Type
Description
ST1
0r
Status Bit Channel 1:
0B Channel 1 is switched off (Reset State)
1B Channel 1 is switched on
ST2
1r
Status Bit Channel 2:
0B Channel 2 is switched off (Reset State)
1B Channel 2 is switched on
ST3
2r
Status Bit Channel 3:
0B Channel 3 is switched off (Reset State)
1B Channel 3 is switched on
ST4
3r
Status Bit Channel 4:
0B Channel 4 is switched off (Reset State)
1B Channel 4 is switched on
ST5
4r
Status Bit Channel 5:
0B Channel 5 is switched off (Reset State)
1B Channel 5 is switched on
WD_TO
11
r
Watchdog Time Out Bit:
0B no watchdog time out
1B watchdog time out occurred
WD_DIS
12
r
Watchdog Status Bit:
0B Watchdog enabled (VWD_DIS = 0V)
1B Watchdog disabled (VWD_DIS = 5V)
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com