Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 18Page - Infineon Technologies AG TLE8080EM Datasheet HTML 19Page - Infineon Technologies AG TLE8080EM Datasheet HTML 20Page - Infineon Technologies AG TLE8080EM Datasheet HTML 21Page - Infineon Technologies AG TLE8080EM Datasheet HTML 22Page - Infineon Technologies AG TLE8080EM Datasheet HTML 23Page - Infineon Technologies AG TLE8080EM Datasheet HTML 24Page - Infineon Technologies AG TLE8080EM Datasheet HTML 25Page - Infineon Technologies AG TLE8080EM Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Data Sheet
22
Rev. 1.1, 2012-10-19
TLE8080EM
Variable Reluctance Sensor ( VRS ) Interface
7.1
Electrical Characteristics VR Sensor Interface
Table 7
Electrical Characteristics: VR Sensor Interface
VS=13.5V, Tj= -40°C to +150°C: All voltages with respect to ground.
Positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Input Characteristics:
positive VR Sensor Interface
Detection Threshold
V
VR,th_pos
-30
0
30
mV
7.1.1
negative VR Sensor Interface
Detection Threshold
V
VR,th_neg
-80
-50
-20
mV
CMD Register:
VR_T[1:0] = “00”
Reset State
7.1.2
-130
-100
-70
mV
CMD Register:
VR_T[1:0] = “01”
7.1.3
-550
-500
-450
mV
CMD Register:
VR_T[1:0] = “10”
7.1.4
-1.1
-1
-0.9
V
CMD Register:
VR_T[1:0] = “11”
7.1.5
VR Sensor Interface Load
Selection
R
VR,Load
30
75
120
k
Ω
Tj = 25°C;
CMD Register:
VR_L[1:0] = “00”
Reset State
7.1.6
90
k
Ω
Tj = -40°C;
CMD Register:
VR_L[1:0] = “00”
Reset State
60
k
Ω
Tj = 150°C;
CMD Register:
VR_L[1:0] = “00”
Reset State
34.5
8k
Ω
CMD Register:
VR_L[1:0] = “01”
7.1.7
1.5
2.2
3.3
k
Ω
CMD Register:
VR_L[1:0] = “10”
7.1.8
0.7
1.2
1.9
k
Ω
CMD Register:
VR_L[1:0] = “11”
7.1.9
VR Sensor Interface Input
Clamping Current
I
VR,clamp
––
±50
mA
7.1.10
VR Sensor Interface Input
Clamping Voltage
V
VR,clamp
±2.5
±3
±3.5
V
I
VR,clamp= ±50mA
7.1.11
Output Characteristics:
Low Level Output Voltage
V
VR_OUT,L
––
0.3
V
I
VR_OUT = 100μA7.2.1
High Level Output Voltage
V
VR_OUT,H
V5DD-
0.3
––
V
I
VR_OUT = -100μA7.2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com