Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 2Page - Infineon Technologies AG TLE8080EM Datasheet HTML 3Page - Infineon Technologies AG TLE8080EM Datasheet HTML 4Page - Infineon Technologies AG TLE8080EM Datasheet HTML 5Page - Infineon Technologies AG TLE8080EM Datasheet HTML 6Page - Infineon Technologies AG TLE8080EM Datasheet HTML 7Page - Infineon Technologies AG TLE8080EM Datasheet HTML 8Page - Infineon Technologies AG TLE8080EM Datasheet HTML 9Page - Infineon Technologies AG TLE8080EM Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Data Sheet
6
Rev. 1.1, 2012-10-19
TLE8080EM
Pin Configuration
18
IN1
Control Input Channel 1: internal pull down
19
IN3
Control Input Channel 3: internal pull down
20
NRO
Reset Output: low active, open drain
21
V5DD
5V Supply Output: connected to external blocking capacitor
22
AGND
Analog Ground: connected to system logic ground
23
RX
K-Line Receive Output: logic output of data received from the K-Line bus KIO
24
TX
K-Line Transmit Input: logic level input for data to be transmitted on the K-Line bus
KIO; internal pull up
25
Exposed Pad
Substrate Connection: must be connected to PGND externally on PCB
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com