Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 3Page - Infineon Technologies AG TLE8080EM Datasheet HTML 4Page - Infineon Technologies AG TLE8080EM Datasheet HTML 5Page - Infineon Technologies AG TLE8080EM Datasheet HTML 6Page - Infineon Technologies AG TLE8080EM Datasheet HTML 7Page - Infineon Technologies AG TLE8080EM Datasheet HTML 8Page - Infineon Technologies AG TLE8080EM Datasheet HTML 9Page - Infineon Technologies AG TLE8080EM Datasheet HTML 10Page - Infineon Technologies AG TLE8080EM Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TLE8080EM
General Product Characteristics
Data Sheet
7
Rev. 1.1, 2012-10-19
4
General Product Characteristics
Table 1
Absolute Maximum Ratings 1)
Tj= -40°C to +150°C: All voltages with respect to ground unless otherwise specified.
Positive current flowing into pin (unless otherwise specified)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Voltages
Supply Voltage VS
V
VS
-0.3
40
V
4.1.1
Supply Voltage V5DD
V
V5DD
-0.3
5.5
V
4.1.2
Input Voltage on Pins IN1,
IN3, SCLK, SI, WD_DIS
V
x
-0.3
5.5
V
4.1.3
Input Voltage on Pins CSN,
TX
V
x
-0.3
V5DD
+0.3V
V
4.1.3
Input Voltage VR_IN1,
VR_IN2
V
VR_IN1/2
-0.3
5.5
V
see also 4.2.1
and 4.2.2
4.1.4
DC Voltage on Pins OUT1-5,
KIO
V
x
-0.3
30
V
respect to PGND
all channels and
KIO are switched
off
4.1.5
DC Voltage on Pins
VR_OUT, SO, RX, NRO
V
x
-0.3
5.5
V
Ix<1mA
4.1.6
DC Voltage AGND to PGND
V
x
-0.3
0.3
V
4.1.7
DC Voltage on Pin KIO
V
KIO
-0.3
35
V
respect to PGND
KIO is switched off
4.1.8
Currents
Input Current between
VR_IN1 and VR_IN2
I
VR_IN1,VR_IN2 -–
50
mA
4.2.1
Input Current VR_IN1,
VR_IN2 to GND
I
VR_IN1/2,GND
-–
10
mA
4.2.2
Temperatures
Junction Temperature
T
j
-40
150
°C
4.3.1
Storage Temperature
T
stg
-55
150
°C
4.3.2
ESD Susceptibility
ESD Resistivity all Pins to
GND
V
ESD
-2
2
kV
HBM2)
2) ESD susceptibility, HBM according to EIA/JESD 22-A114B
4.4.1
ESD Resistivity all Pins to
GND
V
ESD
-500
500
V
CDM3)
3) ESD susceptibility, Charged Device Model “CDM” EIA/JESD22-C101 or ESDA STM5.3.1
4.4.2
ESD Resistivity Pin 1, 12, 13,
24 (corner pins) to GND
V
ESD1,19,20,36 -750
750
V
CDM3)
4.4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com