Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 19Page - Infineon Technologies AG TLE8080EM Datasheet HTML 20Page - Infineon Technologies AG TLE8080EM Datasheet HTML 21Page - Infineon Technologies AG TLE8080EM Datasheet HTML 22Page - Infineon Technologies AG TLE8080EM Datasheet HTML 23Page - Infineon Technologies AG TLE8080EM Datasheet HTML 24Page - Infineon Technologies AG TLE8080EM Datasheet HTML 25Page - Infineon Technologies AG TLE8080EM Datasheet HTML 26Page - Infineon Technologies AG TLE8080EM Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
TLE8080EM
Variable Reluctance Sensor ( VRS ) Interface
Data Sheet
23
Rev. 1.1, 2012-10-19
Figure 12
Timing Characteristics of the VR Sensor Interface
Transfer Characteristics:
Delay Time Input to VR_OUT
falling edge
t
dr
11.5
2.5
μs7.3.1
Delay Time Input to VR_OUT
rising edge
t
df
11.5
2.5
μs7.3.2
Table 7
Electrical Characteristics: VR Sensor Interface (cont’d)
VS=13.5V, Tj= -40°C to +150°C: All voltages with respect to ground.
Positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
VVR_OUT
t
t
tdr
tdf
VVR_IN1 – VR_IN2
VVRT h_pos =0V
50%
VVRT h_neg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com