Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE8080EM Datasheet HTML 1Page - Infineon Technologies AG TLE8080EM Datasheet HTML 2Page - Infineon Technologies AG TLE8080EM Datasheet HTML 3Page - Infineon Technologies AG TLE8080EM Datasheet HTML 4Page - Infineon Technologies AG TLE8080EM Datasheet HTML 5Page - Infineon Technologies AG TLE8080EM Datasheet HTML 6Page - Infineon Technologies AG TLE8080EM Datasheet HTML 7Page - Infineon Technologies AG TLE8080EM Datasheet HTML 8Page - Infineon Technologies AG TLE8080EM Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Data Sheet
4
Rev. 1.1, 2012-10-19
TLE8080EM
Block Diagram
2
Block Diagram
Figure 1
Block Diagram
5V Voltage
Supply
K-Line
LS Driver
inductive loads
350mA
LS Driver
resistive loads
3A
SPI
4
VR Sensor
2
2
VS
RX; TX
CSN; SI;
SO; SCLK
V5DD
KIO
OUT4
OUT3
OUT2
OUT1
VR_IN1; VR_IN2
VR_OUT
Reset
NRO
IN3
IN1
LS Driver
inductive loads
2.6A
Watchdog
Undervoltage
Detection
LS Driver
inductive loads
2.6A
WD_DIS
OUT5
LS Driver
inductive loads
350 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com