Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 6Page - Infineon Technologies AG TLE8080EM Datasheet HTML 7Page - Infineon Technologies AG TLE8080EM Datasheet HTML 8Page - Infineon Technologies AG TLE8080EM Datasheet HTML 9Page - Infineon Technologies AG TLE8080EM Datasheet HTML 10Page - Infineon Technologies AG TLE8080EM Datasheet HTML 11Page - Infineon Technologies AG TLE8080EM Datasheet HTML 12Page - Infineon Technologies AG TLE8080EM Datasheet HTML 13Page - Infineon Technologies AG TLE8080EM Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Data Sheet
10
Rev. 1.1, 2012-10-19
TLE8080EM
5V Supply, Reset and Supervision
Figure 4
Reset Timing Diagram
5.3
Watchdog Operation
The TLE8088EE integrates a watchdog function which monitors the correct SPI communication with the micro
controller. A watchdog disable pin ( WD_DIS ) with an internal pull down current source is implemented. With a
high level the watchdog function is disabled.
For enabled watchdog function after power-up reset delay time ( tRD ), valid SPI communication from the micro
controller must occur within the watchdog period ( tWP ) specified in the electrical characteristics. A restart of the
watchdog period is done with a low to high transition of the CSN pin of a valid transmission of a 16 bit message.
A reset is generated (NRO goes LOW) for the time ( tWR ) if there is no restart during the watchdog period as shown
in Figure 5.
Status after watchdog overflow:
•
all outputs are switched off
•
SPI registers are not influenced
•
Watchdog Time Out bit in SPI status register is set
•
first answer to SPI communication is the content of the status register
Switching of Outputs and reset of Watchdog Time Out Bit after watchdog overflow:
•
Outputs 1 and 3 will be switched on with an positive edge at IN1 respectively IN3
•
Outputs 2, 4 and 5 will be switched on with a write command to CMD register
•
the watchdog time out bit will be reset with the rising edge of CSN of the first read command of the status
register
Vs
t
VV5DD
t
VRT
<
tRR
VNRO
t
VNRO_H
tRD
tRR
tRR
VNRO_L
tRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com