Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080EM Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 8Page - Infineon Technologies AG TLE8080EM Datasheet HTML 9Page - Infineon Technologies AG TLE8080EM Datasheet HTML 10Page - Infineon Technologies AG TLE8080EM Datasheet HTML 11Page - Infineon Technologies AG TLE8080EM Datasheet HTML 12Page - Infineon Technologies AG TLE8080EM Datasheet HTML 13Page - Infineon Technologies AG TLE8080EM Datasheet HTML 14Page - Infineon Technologies AG TLE8080EM Datasheet HTML 15Page - Infineon Technologies AG TLE8080EM Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Data Sheet
12
Rev. 1.1, 2012-10-19
TLE8080EM
5V Supply, Reset and Supervision
5.4
Electrical Characteristics 5V Supply, Reset and Supervision
Table 4
Electrical Characteristics: 5V Supply, Reset and Supervision
VS=13.5V, Tj= -40°C to +150°C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
5V Supply
Output Voltage
V
V5DD
4.9
5
5.1
V
0 mA <
I
V5DD <
250mA
6V <
V
S < 18V
5.1.1
Output Current Limitation
I
V5DD
250–
650mA
V
V5DD = 0V
5.1.2
Load Regulation
ΔV
V5DD, Lo
–
–
50
mV
1 mA <
I
V5DD <
250mA
5.1.3
Line Regulation
ΔV
V5DD, Li
––
10
mV
I
V5DD = 1mA
10V <
V
S < 18V
5.1.4
Power Supply Rejection
PSRR
–60
–
dB
f = 100Hz
V
S, ripple = 0.5
Vpp1)
5.1.5
Output Capacitor
C
V5DD
470
–
–
nF
1)
5.1.6
Output Capacitor ESR
ESR(C
V5DD)
––
10
Ω
1)
5.1.7
Current Consumption
I
VS
–5.5
8mA
I
V5DD= 0mA, all
channels and K-
Line off
5.1.8
Low Drop Voltage
V
V5DD
4.8
–
5
V
I
V5DD = 1mA
V
S =5V
5.1.9
4.15
–
5
V
I
V5DD = 250mA
V
S =5V;
after device
ramp-up (
V
S >9V)
5.1.10
Over Temperature Protection
Over Temperature Threshold
T
OT
150–
200°C
1)
5.2.1
Over Temperature Hysteresis
T
OT,Hys
–20
–
°C
1)
5.2.2
Under Voltage Detection
V5DD Reset Threshold
V
RT
4.00
4.25
4.50
V
V
V5DD decreasing
only at version
TLE8080EM
5.3.1
Reset Hysteresis
V
RH
10
–
150
mV
5.3.2
V5DD Reset Threshold for
TLE8080-2EM
V
RT
3.4
3.65
3.9
V
V
V5DD decreasing
only at version
TLE8080-2EM
5.3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com